Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232V2 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSB232V2
Description  1 Port USB to RS232 DB9 Serial Adapter Cable - M/M
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232V2 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSB232V2 Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232V2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Port USB to RS232 DB9 Serial Adapter Cable - M/M
Product ID: ICUSB232V2
The ICUSB232V2 1 Port USB to Serial Adapter converts a USB port into an RS232 DB9 serial port to connect to,
monitor, and control a serial device.
Supporting data transfer rates up to 921.6 Kbps, the USB to serial cable is a convenient and cost-saving solution for
providing serial connectivity to devices such as point-of-sale terminals, serial modems, industrial equipment, and a
wide variety of other RS232 peripherals.
The USB to RS232 converter is easy to install and offers broad operating system compatibility, including Windows 8
and later, Linux and Mac OS, for easy integration into mixed environments.
Backed by a StarTech.com 3-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• IT Administrators looking to add legacy functionality to newer notebooks, PCs and servers that lack an integrated
RS232 port
• Connect bar code scanners, receipt printers and other point of sale devices
• Connect, monitor and control industrial/automotive sensors and other sensitive equipment
• Connect and program LED and digital signage boards
Features


Similar Part No. - ICUSB232V2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSB2321F STARTECH-ICUSB2321F Datasheet
203Kb / 4P
1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322F STARTECH-ICUSB2322F Datasheet
202Kb / 4P
2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322I STARTECH-ICUSB2322I Datasheet
72Kb / 4P
2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
ICUSB2324 STARTECH-ICUSB2324 Datasheet
209Kb / 3P
4 Port USB to RS232 Serial DB9 Adapter Hub
ICUSB2324I STARTECH-ICUSB2324I Datasheet
69Kb / 4P
4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
More results

Similar Description - ICUSB232V2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
U209-000-R TRIPPLITE-U209-000-R Datasheet
524Kb / 3P
USB to Serial Adapter Cable (A-M to DB9-M)
B090A9M TRIPPLITE-B090A9M Datasheet
493Kb / 2P
Modular Serial Adapter (DB9 M to RJ45 F)
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
Tripp Lite. All Rights ...
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
logo
Coolgear Inc.
CG-4X232FTDI COOLGEAR-CG-4X232FTDI Datasheet
120Kb / 2P
4-port USB to RS232 Adapter FTDI Cable
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com