Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # XUJ736
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUJ736 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button XUJ736 Datasheet HTML 2Page - Renesas Technology Corp XUJ736 Datasheet HTML 3Page - Renesas Technology Corp XUJ736 Datasheet HTML 4Page - Renesas Technology Corp XUJ736 Datasheet HTML 5Page - Renesas Technology Corp XUJ736 Datasheet HTML 6Page - Renesas Technology Corp XUJ736 Datasheet HTML 7Page - Renesas Technology Corp XUJ736 Datasheet HTML 8Page - Renesas Technology Corp XUJ736 Datasheet HTML 9Page - Renesas Technology Corp XUJ736 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Table 7. 1.8V IDD DC Electrical Characteristics
VDD = 3.3V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
0.016MHz to 400MHz.
-
-
65
mA
400.000+MHz to 1.0GHz.
-
-
72
LVPECL
0.016MHz to 250MHz.
-
-
75
250.000+MHz to 670MHz.
-
-
97
HCSL
0.016MHz to 400MHz.
-
-
68
400.000+MHz to 670MHz.
-
-
77
LVCMOS
0.016MHz to 125MHz.
-
-
58
Table 8. LVDS DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VOD
Differential Output Voltage
-
0.25
0.4
0.5
V
VOS
Output Offset Voltage
-
1
1.17
1.375
VIH
Enable/Disable Input High Voltage
-
70%VDD
-
-
VIL
Enable/Disable Input Low Voltage
-
-
-
30%VDD
Table 9. LVPECL DC Electrical Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C. Below are guaranteed for listed standard
frequencies.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VOH
Output High Voltage
VDD = 3.3V ±5%.
1.85
-
2.3
V
VDD = 2.5V ±5%.
1.1
-
1.45
VDD = 1.8V ±5%.
0.5
-
0.8
VOL
Output Low Voltage
VDD = 3.3V ±5%.
1.1
-
1.65
VDD = 2.5V ±5%.
0.35
-
0.85
VDD = 1.8V ±5%.
0
-
0.25
VIH
Enable/Disable Input High Voltage
-
70%VDD
-
-
VIL
Enable/Disable Input Low Voltage
-
-
30%VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com