Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XUJ736 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # XUJ736
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUJ736 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button XUJ736 Datasheet HTML 6Page - Renesas Technology Corp XUJ736 Datasheet HTML 7Page - Renesas Technology Corp XUJ736 Datasheet HTML 8Page - Renesas Technology Corp XUJ736 Datasheet HTML 9Page - Renesas Technology Corp XUJ736 Datasheet HTML 10Page - Renesas Technology Corp XUJ736 Datasheet HTML 11Page - Renesas Technology Corp XUJ736 Datasheet HTML 12Page - Renesas Technology Corp XUJ736 Datasheet HTML 13Page - Renesas Technology Corp XUJ736 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
ODC
Output Clock Duty Cycle
LVDS.
45
-
55
%
LVPECL.
FOUT < 156.25MHz.
45
-
55
FOUT < 156.25MHz.
40
-
60
HCSL.
45
-
55
LVCMOS.
FOUT < 62.5MHz.
45
-
55
FOUT > 62.5MHz.
40
-
60
TOE
Output Enable/ Disable Time
-
-
100
ns
fJITTER Phase Jitter
(12kHz–20MHz)
LVDS.
-
400
500
fsec
LVPECL.
-
350
500
HCSL.
-
350
500
LVCMOS.
FOUT = 100MHz.
-
350
500
Table 14. 1.8V AC Electrical Characteristics
VDD = 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
F
Output Frequency Range
LVDS.
0.016
-
1000
MHz
LVPECL, HCSL.
0.016
-
670
LVCMOS.
0.016
-
125
Frequency Stability
Temperature = -20°C to +70°C.
-20
-25
-50
-100
-
+20
+25
+50
+100
ppm
Temperature = -40°C to +85°C.
-25
-50
-100
-
+25
+50
+100
ppm
Temperature = -40°C to +105°C.
-50
-100
-
+50
+100
ppm
Output Load
LVDS.
Differential.
-
100
-
Ω
LVPECL, HCSL.
To GND.
-
50
-
LVCMOS.
To GND.
-
10
-
pF
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
-
-
10
ms
tR
Output Rise Time
LVDS.
20% to 80% Vpk-pk.
-
250
315
ps
LVPECL.
-
250
350
HCSL.
-
-
320
LVCMOS.
10% to 90% VDD.
-
5
-
ns
Table 13. 2.5V AC Electrical Characteristics (Cont.)
VDD = 2.5V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com