Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # X006
Description  0.8 A sensitive gate SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X006 Datasheet(HTML) 3 Page - STMicroelectronics

  X006 Datasheet HTML 1Page - STMicroelectronics X006 Datasheet HTML 2Page - STMicroelectronics X006 Datasheet HTML 3Page - STMicroelectronics X006 Datasheet HTML 4Page - STMicroelectronics X006 Datasheet HTML 5Page - STMicroelectronics X006 Datasheet HTML 6Page - STMicroelectronics X006 Datasheet HTML 7Page - STMicroelectronics X006 Datasheet HTML 8Page - STMicroelectronics X006 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
X006
Characteristics
3/9
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (DC)
TO-92
150
°C/W
S = 5 cm2
SOT-223
60
Rth(j-l)
Junction to lead (DC)
TO-92
70
Rth(j-t)
Junction to tab (DC)
SOT-223
30
Figure 1.
Maximum average power
dissipation versus average on-state
current
Figure 2.
Average and DC on-state current
versus case temperature (TO-92)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
l
α = 180°
D.C.
TO-92
Figure 3.
Average and D.C. on-state current
versus ambient temperature (epoxy
printed circuit board FR4, copper
thickness = 35 µm, SCU = 0.5 cm
2)
(TO-92)
Figure 4.
Average and DC on-state current
versus case temperature (SOT-223)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
TO-92
S
= 0.5 cm
CU
2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
I
(A)
T(AV)
T
(°C)
tab
α = 180°
D.C.
SOT-223



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com