Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X006 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X006
Description  0.8 A sensitive gate SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X006 Datasheet(HTML) 4 Page - STMicroelectronics

  X006 Datasheet HTML 1Page - STMicroelectronics X006 Datasheet HTML 2Page - STMicroelectronics X006 Datasheet HTML 3Page - STMicroelectronics X006 Datasheet HTML 4Page - STMicroelectronics X006 Datasheet HTML 5Page - STMicroelectronics X006 Datasheet HTML 6Page - STMicroelectronics X006 Datasheet HTML 7Page - STMicroelectronics X006 Datasheet HTML 8Page - STMicroelectronics X006 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
X006
4/9
Figure 5.
Average and DC on-state current
versus ambient temperature (epoxy
PCB FR4, copper
thickness = 35 µm, SCU = 5 cm
2)
(SOT-223)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (PCB FR4,
copper thickness = 35 µm, SCU = 0.5
cm2) (TO-92)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
SOT-223
S
= 0.5 cm
CU
2
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
TO-92
S
= 0.5 cm
CU
2
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (PCB FR4,
copper thickness = 35 µm, SCU = 0.5
cm2) (SOT-223)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under tab (PCB FR4, copper
thickness = 35 µm) (SOT-223)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
SOT-223
S
= 0.5 cm
CU
2
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
R
(°C/W)
th(j-a)
Figure 9.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
Figure 10.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com