Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X006 Datasheet(PDF) 5 Page - STMicroelectronics

Part # X006
Description  0.8 A sensitive gate SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X006 Datasheet(HTML) 5 Page - STMicroelectronics

  X006 Datasheet HTML 1Page - STMicroelectronics X006 Datasheet HTML 2Page - STMicroelectronics X006 Datasheet HTML 3Page - STMicroelectronics X006 Datasheet HTML 4Page - STMicroelectronics X006 Datasheet HTML 5Page - STMicroelectronics X006 Datasheet HTML 6Page - STMicroelectronics X006 Datasheet HTML 7Page - STMicroelectronics X006 Datasheet HTML 8Page - STMicroelectronics X006 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
X006
Characteristics
5/9
Figure 15.
On-state characteristics (maximum values)
Figure 11.
Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
Figure 12.
Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
0.1
1.0
10.0
100.0
1.0E-01
1.0E+00
1.0E+01
R(k )
GK
Ω
dV/dt[R
] / dV/dt[
=1k ]
GK
Ω
RGK
V = 0.67 x V
D
DRM
1
10
100
1
10
C
(nF)
GK
dV/dt[C
] / dV/dt[
=1k ]
GK
Ω
RGK
V = 0.67 x V
R
= 1k
D
DRM
GK
Ω
Figure 13.
Surge peak on-state current versus
number of cycles
Figure 14.
Non repetitive surge peak on-state
current for a sinusoidal pulse with
width tP < 10ms, and corresponding
value of I2t
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =25°C
C
t =10ms
p
One cycle
1.E-01
1.E+00
1.E+01
1.E+02
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
I
(A)
TM
V
(V)
TM
Tj=125°C
T =25°C
j
V =0.85V
R =245m
T max.:
j
t0
d
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com