Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RL.MDCL.M-5/B Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 2RL.MDCL.M-5/B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RL.MDCL.M-5/B Datasheet(HTML) 3 Page - YAGEO Corporation

  2RL.MDCL.M-5/B Datasheet HTML 1Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 2Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 3Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 4Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 5Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 6Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
7
Product Specification
2R-5 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Mar. 16, 2021 V.1
Dimensions
L Type
L
T
d
D
D
Symbol
Dimension (mm)
Spec.
Tolerance
D
5.5
+0.3, -0.5
T
6.0
+0.3, -0.5
d
0.8
±0.1
L
30.0
Max.
M Type
1.5
6.0
Recommended Pad Size
B
D
T
D
5.5
+0.3, -0.5
T
6.0
+0.3, -0.5
B
0.5
±0.1
Electrical Characteristics
Part
Number
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Nominal
Impulse
Discharge
Current
Alternating
Discharge
Current
Impulse
Life
Minimum
Insulation
Resistance
Maximum
Capacitance
Device
Marking
Code
100V/s
1000V/μs
8/20μs
10times
50Hz,1sec
10/1000μs
100A
Test
Voltage
(GΩ)
1MHz
(V)
(V)
(KA)
(A)
(times)
DC(V)
(pF)
2RL070L-5
2RL070M-5
70±20%
800
5.0
5.0
300
25
1.0
1.5
2RL070-5
2RL075L-5
2RL075M-5
75±20%
800
5.0
5.0
300
25
1.0
1.5
2RL075-5
2RL090L-5
2RL090M-5
90±20%
700
5.0
5.0
300
50
1.0
1.5
2RL090-5
2RL120L-5
2RL120M-5
120±20%
700
5.0
5.0
300
50
1.0
1.5
2RL120-5
2RL145L-5
2RL145M-5
145±20%
700
5.0
5.0
300
100
1.0
1.5
2RL145-5
2RL150L-5
2RL150M-5
150±20%
700
5.0
5.0
300
100
1.0
1.5
2RL150-5
2RL230L-5
2RL230M-5
230±20%
700
5.0
5.0
300
100
1.0
1.5
2RL230-5
2RL250L-5
2RL250M-5
250±20%
700
5.0
5.0
300
100
1.0
1.5
2RL250-5
2RL300L-5
2RL300M-5
300±20%
900
5.0
5.0
300
100
1.0
1.5
2RL300-5
2RL350L-5
2RL350M-5
350±20%
900
5.0
5.0
300
100
1.0
1.5
2RL350-5
2RL400L-5
2RL400M-5
400±20%
1000
5.0
5.0
300
100
1.0
1.5
2RL400-5
2RL470L-5
2RL470M-5
470±20%
1100
5.0
5.0
300
250
1.0
1.5
2RL470-5
2RL600L-5
2RL600M-5
600±20%
1500
5.0
5.0
300
250
1.0
1.5
2RL600-5
2RL800L-5
2RL800M-5
800±20%
1700
5.0
5.0
300
250
1.0
1.5
2RL800-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com