Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RL.MDCL.M-5/B Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 2RL.MDCL.M-5/B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RL.MDCL.M-5/B Datasheet(HTML) 4 Page - YAGEO Corporation

  2RL.MDCL.M-5/B Datasheet HTML 1Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 2Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 3Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 4Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 5Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 6Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
7
Product Specification
2R-5 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Mar. 16, 2021 V.1
Electrical Characteristics
Part
Number
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Nominal
Impulse
Discharge
Current
Alternating
Discharge
Current
Impulse
Life
Minimum
Insulation
Resistance
Maximum
Capacitance
Device
Marking
Code
100V/s
1000V/μs
8/20μs
10times
50Hz,1sec
10/1000μs
100A
Test
Voltage
(GΩ)
1MHz
(V)
(V)
(KA)
(A)
(times)
DC(V)
(pF)
2RM070L-5
2RM070M-5
70±20%
600
10
5.0
500
25
1.0
1.5
2RM070-5
2RM075L-5
2RM075M-5
75±20%
600
10
5.0
500
25
1.0
1.5
2RM075-5
2RM090L-5
2RM090M-5
90±20%
600
10
10
500
50
1.0
1.5
2RM090-5
2RM120L-5
2RM120M-5
120±20%
600
10
10
500
50
1.0
1.5
2RM120-5
2RM145L-5
2RM145M-5
145±20%
700
10
10
500
100
1.0
1.5
2RM145-5
2RM150L-5
2RM150M-5
150±20%
700
10
10
500
100
1.0
1.5
2RM150-5
2RM230L-5
2RM230M-5
230±20%
700
10
10
500
100
1.0
1.5
2RM230-5
Electrical Ratings
Items
Test Condition/Description
Requirement
DC Spark-over
Voltage
The voltage is measured with voltage ramp dv/dt=100V/s.
To meet
the specified
value
Maximum Impulse
Spark-over Voltage
The maximum impulse spark-over voltage is measured with voltage
ramp dv/dt=1000V/
μs.
Impulse
Discharge Current
Maximum 8/20
μs surge current that can be applied between two
electrodes, 5 positive and 5 negative surges, with 3 minutes interval
time.
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Alternating
Discharge Current
Rated RMS value of AC current at 50Hz, 1 sec. for 10 times with
interval time 3 min.
Insulation
Resistance
The resistance of gas tube shall be measured between two
electrodes.
Capacitance
The capacitance of gas tube shall be measured between two
electrodes.
Test frequency: 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com