Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2RL.MDCL.M-5/B Datasheet(PDF) 5 Page - YAGEO Corporation

Part # 2RL.MDCL.M-5/B
Description  GAS DISCHARGE TUBES TELEPHONE INTERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

2RL.MDCL.M-5/B Datasheet(HTML) 5 Page - YAGEO Corporation

  2RL.MDCL.M-5/B Datasheet HTML 1Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 2Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 3Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 4Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 5Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 6Page - YAGEO Corporation 2RL.MDCL.M-5/B Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
7
Product Specification
2R-5 series
GAS DISCHARGE TUBS
Circuit Protection
www.yageo.com
Mar. 16, 2021 V.1
Recommended Soldering Conditions
Wave Soldering
Time (minutes)
Preheating
Maximum Wave 265℃
Cooling
Soldering
3.5
4
2.5
3
1.5
2
0.5
1
0
300
250
200
150
100
50
0
Item
Conditions
Peak Temperature
265
℃
Dipping Time
10 seconds
Soldering
1 time
Reflow Soldering
TP
TL
tS
Preheat
25
TS max
TS min
Ramp-up
Ramp-down
Critical Zone
TL to TP
tP
tL
t 25℃ to Peak
Time
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TL to TP)
3
℃/second max.
Preheat
-Temperature Min (TS min)
-Temperature Max (TS max)
-Time (min to max) (ts)
150
℃
200
℃
60-180 seconds
TS max to TL
-Ramp-up Rate
3
℃/second max.
Time maintained above:
-Temperature (TL)
-Time (tL)
217
℃
60-150 seconds
Peak Temperature (TP)
260
℃
Time within 5
℃ of actual Peak Temperature (t
P)
20-40 seconds
Ramp-down Rate
6
℃/second max.
Time 25
℃ to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com