Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMS-A Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # ASMS-A
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ASMS-A Datasheet(HTML) 4 Page - PANDUIT CORP.

  ASMS-A Datasheet HTML 1Page - PANDUIT CORP. ASMS-A Datasheet HTML 2Page - PANDUIT CORP. ASMS-A Datasheet HTML 3Page - PANDUIT CORP. ASMS-A Datasheet HTML 4Page - PANDUIT CORP. ASMS-A Datasheet HTML 5Page - PANDUIT CORP. ASMS-A Datasheet HTML 6Page - PANDUIT CORP. ASMS-A Datasheet HTML 7Page - PANDUIT CORP. ASMS-A Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
*Tie Cross Section: M = Miniature
I = Intermediate
S = Standard
LH = Light Heavy
H = Heavy
**Static load is stated at 70° F (21°C). Static load at temperature minimums and maximums will be reduced.
‡NORYL Thermoplastic Resin is a Registered Trademark of General Electric Co.
Part
Number
Overall
Dimensions
L" x W" x H" (mm)
Adhesive
Type
Used
with
Cable
Tie*
Maximum
Static
Load
lb. (g)**
Normal
Service
Temp. °F
(°C)
Range
Recommended
Installation
Temp.
°F (°C)
Dwell
Time
(Hrs.)
Mount
Material
Screw
Hole
Size
U.L.
Recognized
ABMM-A
.75 x .75 x .18
(19.1 x 19.1 x4.6)
Rubber Tape
M, I
.3 (136)
-20 to 120
(-29 to 49)
70 (21)
2
White
ABS
—Yes
ABMM-AT
.75 x .75 x .18
(19.1 x 19.1 x4.6)
Acrylic Tape
M, I
.3 (136)
-20 to 180
(-29 to 82)
70 (21)
8
White
ABS
—Yes
ABMS-A
1.13 x 1.13 x .25
(28.7 x 28.7 x 6.4)
Rubber Tape
M, I, S
.6 (272)
-20 to 120
(29 to 49)
70 (21)
2
Natural
Nylon
1 @ #6
(M3)
Yes
ABMS-AT
1.13 x 1.13 x .25
(28.7 x 28.7 x 6.4)
Acrylic Tape
M, I, S
.6 (272)
-20 to 180
(-29 to 82)
70 (21)
8
Natural
Nylon
1 @ #6
(M3)
Yes
ABM1M-A
0.5 x 0.5 x 0.16
(12.7 x 12.7 x 4.0)
Rubber Tape
M
.13 (59)
-20 to 120
(29 to 49)
70 (21)
2
White
Nylon
—Yes
ABM1M-AT
0.5 x 0.5 x 0.16
(12.7 x 12.7 x 4.0)
Acrylic Tape
M
.13 (59)
-20 to 180
(-29 to 82)
70 (21)
8
White
Nylon
—Yes
ABM2S-A
1.0 x 1.0 x .20
(25.4 x 25.4 x 5.2)
Rubber Tape
M, I, S
.5 (227)
-20 to 120
(29 to 49)
70 (21)
2
White
ABS
2 @ #6
(M3)
Yes
ABM2S-AT
1.0 x 1.0 x .20
(25.4 x 25.4 x 5.2)
Acrylic Tape
M, I, S
.5 (227)
-20 to 180
(-29 to 82)
70 (21)
8
White
ABS
2 @ #6
(M3)
Yes
ABM3H-A
1.5 x 1.5 x .25
(38.1 x 38.1 x 6.4)
Rubber Tape
M, I, S,
LH, H
1.12 (508)
-20 to 120
(29 to 49)
70 (21)
2
White
Nylon
2 @ #6
(M3)
Yes
ABM3H-AT
1.5 x 1.5 x .25
(38.1 x 38.1 x 6.4)
Acrylic Tape
M, I, S,
LH, H
1.12 (508)
-20 to 180
(-29 to 82)
70 (21)
8
White
Nylon
2 @ #6
(M3)
Yes
ABM4H-A
2.0 x 2.0 x .25
(38.1 x 38.1 x 6.4)
Rubber Tape
M, I, S,
LH, H
2 (907)
-20 to 120
(29 to 49)
70 (21)
2
White
Nylon
2 @ #6
(M3)
Yes
ABM4H-AT
2.0 x 2.0 x .25
(38.1 x 38.1 x 6.4)
Acrylic Tape
M, I, S,
LH, H
2 (907)
-20 to 180
(-29 to 82)
70 (21)
8
White
Nylon
2 @ #6
(M3)
Yes
ABM100-A
1.0 x 1.0 x .20
(25.4 x 25.4 x 5.2)
Rubber Tape
M, I, S
.5 (227)
-20 to 120
(29 to 49)
70 (21)
2
White
Nylon
1 @ #6
(M3)
Yes
ABM100-AT
1.0 x 1.0 x .20
(25.4 x 25.4 x 5.2)
Acrylic Tape
M, I, S
.5 (227)
-20 to 180
(-29 to 82)
70 (21)
8
White
Nylon
1 @ #6
(M3)
Yes
ACC19-A
.75 x .62 x .29
(19.1 x 15.7 x 7.4)
Rubber Tape
—
.2 (91)
-20 to 120
(29 to 49)
70 (21)
2
Natural
Nylon
—Yes
ACC19-AT
.75 x .62 x .29
(19.1 x 15.7 x 7.4)
Acylic tape
—
.2 (91)
-20 to 180
(-29 to 82)
70 (21)
8
Natural
Nylon
—Yes
ACC38-A
1.0 x 1.0 x .41
(25.4 x 25.4 x 10.4)
Rubber Tape
—
.5 (227)
-20 to 120
(29 to 49)
70 (21)
2
Natural
Nylon
—Yes
ACC38-AT
1.0 x 1.0 x .41
(25.4 x 25.4 x 10.4)
Acrylic Tape
—
.5 (227)
-20 to 180
(-29 to 82)
70 (21)
8
Natural
Nylon
—Yes
ACC62-A
1.12 x 1.25 x .64
(28.4 x 31.8 x 16.3)
Rubber Tape
—
.7 (318)
-20 to 120
(29 to 49)
70 (21)
2
Natural
Nylon
—Yes
ACC62-AT
1.12 x 1.25 x .64
(28.4 x 31.8 x 16.3)
Acr ylic tape
—
.7 (318)
-20 to 180
(-29 to 82)
70 (21)
8
Natural
Nylon
—Yes
ADCC31-AT
1.0 x .70 x .48
(25.4 x 17.8 x 16.3)
Acr ylic tape
—
.25 (113)
-20 to 180
(-29 to 82)
70 (21)
8
White
‡NORYL
——
AJC12-A
1.0 x .86 x .23
(25.4 x 21.8 x 5.8)
Rubber Tape
—
.4 (182)
-20 to 120
(29 to 49)
70 (21)
2
Gray
PVC
—Yes
AJC19-A
1.25 x .89 x .30
(31.8 x 22.6 x 7.6)
Rubber Tape
—
.5 (227)
-20 to 120
(29 to 49)
70 (21)
2
Gray
PVC
—Yes
AJC25-A
1.5 x .92 x .35
(28.1 x 23.4 x 8.9)
Rubber Tape
—
.6 (272)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
AJC31-A
1.75 x 1.23 x .44
(44.5 x 31.2 x 11.2)
Rubber Tape
—
.9 (408)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
AJC38-A
2.0 x 1.28 x .54
(50.8 x 32.5 x 13.7)
Rubber Tape
—
1 (454)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
AMC25-AT
1.0 x .81 x .40
(25.4 x 32.5 x 10.2)
Acr ylic tape
—
.4 (182)
-20 to 120
(-29 to 49)
70 (21)
8
White
PVC
——
AM2
1.2 x 1.2 x .13
(31.4 x 31.4 x 3.2)
User Supplied
M, I, S
DEPENDS ON ADHESIVE
SELECTION BY USER
Natural
Nylon
—Yes
ARC.68-A
1.0 x 1.0 x 1.04
(25.4 x 25.4 x 26.4)
Rubber Tape
—
.5 (227)
-20 to 120
(-29 to 49)
70 (21)
2
White
Polypropylene
1 @ #6
(M3)
Yes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com