Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMS-A Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # ASMS-A
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ASMS-A Datasheet(HTML) 8 Page - PANDUIT CORP.

  ASMS-A Datasheet HTML 1Page - PANDUIT CORP. ASMS-A Datasheet HTML 2Page - PANDUIT CORP. ASMS-A Datasheet HTML 3Page - PANDUIT CORP. ASMS-A Datasheet HTML 4Page - PANDUIT CORP. ASMS-A Datasheet HTML 5Page - PANDUIT CORP. ASMS-A Datasheet HTML 6Page - PANDUIT CORP. ASMS-A Datasheet HTML 7Page - PANDUIT CORP. ASMS-A Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
WORL DWID E SU BSIDIAR IES AND SALES OFFIC ES
Printed in U.S.A.
For Pricing and Further Information —
Contact your local
PANDUIT Distributor or Sales Office
SA117N193B-WA
This warranty is made in lieu of and excludes all other warranties, expressed or implied. THE
IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR USE
ARE SPECIFICALLY EXCLUDED. Neither seller nor manufacturer shall be liable for any other
injury, loss or damage, whether direct or consequential, arising out of the use of, or the inability to
use, the product.
The information contained in this literature is based on our experience to date and is believed to
be reliable. It is intended as a guide for use by persons having technical skill at their own discretion
and risk. We do not guarantee favorable results or assume any liability in connection with its use.
Dimensions contained herein are for reference purposes only. For specific dimensional require-
ments consult the factory. This publication is not to be taken as a license to operate under, or a
recommendation to infringe any existing patents. This supersedes and voids all previous literature,
etc.
Our products are warranted to be free from defects in material and workmanship at the time of
sale but our obligation under this warranty is limited to the replacement of any product proved to
be defective within 6 months (for product) or 90 days (for tools) from the date of delivery. Tool war-
ranty is void if Panduit tools are modified, altered or misused in any way. Use of Panduit tooling
with any product other than the specified Panduit products for which the tool was designed, consti-
tutes misuse. Before using, user shall determine the suitability of the product for his intended use
and user assumes all risk and liability whatsoever in connection therewith.
Panduit Corp.
17301 Ridgeland Avenue
Tinley Park, IL 60477-3091
Phone: 888-506-5400, Ext. 7346
708-532-1800
FAX: 770-781-9076
Email: info@panduit.com
Website: http://www.panduit.com
Panduit Canada
Div. of Panduit Corp.
140 Amber Street
Markham, Ontario L3R 3J8
Phone: 800-387-9689
FAX: 905-475-6998
ELECT R ICAL GRO UP
Proper Installation Techniques
Pressure Sensitive Adhesive Mounts
For proper installation of adhesive mounts with
foam tape, simply remove the protective paper
covering from the foam adhesive and place the
mount in the desired location. Avoid touching the
foam adhesive prior to placing on the surface.
Apply firm pressure to the mount in order to insure
proper adhesion.
Epoxy Adhesive Mounts
PANDUIT ® EMA adhesive is a two-part epoxy
cement which is packaged in convenient mixer cups
containing an equal amount of resin and hardener.
Pop the center of the cup in to form the mixing bowl.
Each cup is supplied with a mixer stick and contains
enough epoxy to properly apply three EMS mounts.
Equal amounts of the epoxy should be mixed to
obtain a uniform, gray color. The mixer stick can
then be used to apply the epoxy to the mount. The
epoxy should be forced into the grooves on the
bottom of the mount to obtain optimum bond
performance. The mount should be applied to the
surface with light pressure and a back-and-forth
twisting motion. Hardening of the epoxy begins five
minutes after mixing at room temperature.
Proper Storage Conditions
All
PANDUIT adhesive products have an expiration
date printed on the package label. Use the following
storage guidelines:
1. For rubber and acrylic based foam tape
adhesives, store in temperatures of 70°F (21°C)
and 45% Relative Humidity (R.H.)
2. For epoxy type adhesives, store in temperatures
of 40°F (4°C) to 75°F (25°C) and relative
humidity not in excess of 45%.
Storage in opened containers is not recommended.
Using the guidelines above, the average shelf life of
foam tape is 3 years. Shelf life of epoxy is 1 year.
Deviation from the recommended storage
conditions may reduce the shelf life or adhesive
strength. In any case, adhesive products should
never be stored near heating vents or other heat
sources, and storage in lower temperatures than
those recommended may increase the shelf life.
Mount Removal
There is no simple or easy method for removing
PANDUIT adhesives. A thin wire or razor blade can
be moved in between the surfaces when removing
foam tape mounts; however, the adhesive residue
will remain on the surface. Epoxy adhesives may be
removed with a commercial paint stripping solution.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com