Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMS-A Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # ASMS-A
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ASMS-A Datasheet(HTML) 7 Page - PANDUIT CORP.

  ASMS-A Datasheet HTML 1Page - PANDUIT CORP. ASMS-A Datasheet HTML 2Page - PANDUIT CORP. ASMS-A Datasheet HTML 3Page - PANDUIT CORP. ASMS-A Datasheet HTML 4Page - PANDUIT CORP. ASMS-A Datasheet HTML 5Page - PANDUIT CORP. ASMS-A Datasheet HTML 6Page - PANDUIT CORP. ASMS-A Datasheet HTML 7Page - PANDUIT CORP. ASMS-A Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
Application Chart
Since Panduit manufactures
adhesive backed mounts with
a variety of adhesive types,
this chart should be used as a
guideline for choosing the best
adhesive for often-
encountered conditions. Each
type of adhesive is rated good,
fair or poor for some specific
mounting surfaces and/or
chemical environments.
Surfaces
Rubber Based
Foam Tape Mounts
Acrylic Based
Foam Tape Mounts
Epoxy Applied
Adhesive Mounts
Plastics
Wood
Glass
Painted Surfaces
Powder Coating
Metal
Paper
Concrete, Stone, Masonry
Good
Good
Fair
Good
Good
Good1
Good
Not Recommended
Good
Good
Good
Good
Fair
Good1
Good
Not Recommended
Good
Good
Good
Fair
Good
Good
Fair
Good
Chemical Resistance
Water
Oil
Gasoline
Dilute Acids
Dilute Alkalis
Organic Solvents
Outdoor Exposure
Good
Poor
Poor
Poor
Good
Poor
Not Recommended
Good
Fair3
Fair3
Fair3
Fair3
Fair3
Good
Poor
Good
Fair
Fair
Fair
Not Recommended
Good2
Adhesive Information
Foam Tape
PANDUIT foam tape properties have been
developed with thorough laboratory testing and
research. Double coated foam tape used on
PANDUIT adhesive mounts is manufactured by
Panduit under strict quality requirements which
ensures consistent, high quality backing for safe
use on adhesive mounts. Each package of mounts
has an expiration date and a Quality Control lot
number printed on the label which ensures
traceability to the conditions of manufacture.
Epoxy Adhesive (EMA)
Epoxy activated mounts use two components, a
resin and a hardener, which must be mixed
immediately prior to use. The epoxy should be
handled with care, and skin contact should be
avoided. The flash point of each component is
200°F (93°C). Use in a well ventilated area.
PROPERTIES
Rubber
Adhesive
Acrylic
Adhesive
Backing Material
Backing Density, lbs./cu. ft.
Thickness Inches (PSTC-33)
Total
Less Liner
Liner Material
180° Peel Adhesion, oz/in width
Static Shear, hours
(MIL-T-60394A)
72°F/15 psi load
72°F/10 psi load
72°F/5 psi load
158°F/2 psi load
Elongation - (PSTC-31)
Closed cell
polyethylene foam
6 (nominal)
.040
.035
Paper
100†
500+
1000+
2000+
100+
500%
Closed cell
polyethylene foam
6 (nominal)
.039
.034
Paper
100†
—
—
—
200+
500%
1. Not recommended for use on
copper or brass.
2. Mounts manufactured from outdoor
material only. For specific
applications, individual testing prior
to extensive use is suggested.
3. Depends on concentration,
exposure time and chemical
composition.
Components
Resin (White)
%
Hardener (Black)
%
Epoxy Resin
46
Calcium Carbonate
47
Calcium Carbonate
46
Polymeric Mercaptan
32
Ti 02
7
Hindered Phenol
9
Aromatic Plasticizer
6.4
Styrene
3
Ethyleneglycol
1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com