Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ10-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5273BRJZ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ10-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5273BRJZ10-R2 Datasheet HTML 3Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 4Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 5Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 6Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 7Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 8Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 9Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 10Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5273
Rev. J | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
W
Wiper Terminal W. GND ≤ V
W ≤ VDD.
2
V
DD
Positive Power Supply. Specified for non-OTP operation from 2.7 V to 5.5 V. For OTP programming, V
DD_OTP
must be set within the window of 5 V to 5.5 V for all end to end resistance options, and be capable of sourcing
100 mA.
3
GND
Common Ground.
4
SCL
Serial Clock Input. Requires a pull-up resistor. If it is driven directly from a logic controller without the pull-up
resistor, ensure that the V
IH minimum is 0.7 × VDD.
5
SDA
Serial Data Input/Output. Requires a pull-up resistor. If it is driven directly from a logic controller without the
pull-up resistor, ensure that the V
IH minimum is 0.7 × VDD.
6
AD0
I2C Device Address Bit. Allows a maximum of two AD5273 devices to be addressed.
7
B
Resistor Terminal B. GND ≤ V
B ≤ VDD.
8
A
Resistor Terminal A. GND ≤ V
A ≤ VDD.
W
1
VDD 2
GND
3
SCL
4
A
8
B
7
AD0
6
SDA
5
AD5273
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com