Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ10-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5273BRJZ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ10-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5273BRJZ10-R2 Datasheet HTML 11Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5273
Rev. J | Page 15 of 20
ent temperature coefficients, the ratiometric adjustment also
reduces the overall temperature coefficient effect to 5 ppm/°C,
except at low value codes where RW dominates.
Potentiometer mode includes op amp feedback resistor networks
and other voltage scaling applications. Terminal A, Terminal W,
and Terminal B can in fact be input or output terminals, provided
that |VAB|, |VWA|, and |VWB| do not exceed VDD to GND.
ESD PROTECTION
Digital inputs SDA and SCL are protected with a series input
resistor and parallel Zener ESD structures (see Figure 36).
Figure 36. ESD Protection of Digital Pins
TERMINAL VOLTAGE OPERATING RANGE
There are also ESD protection diodes between VDD and the
RDAC terminals. The VDD of AD5273 therefore defines their
voltage boundary conditions (see Figure 37). Supply signals
present on Terminal A, Terminal B, and Terminal W that exceed
VDD are clamped by the internal forward-biased diodes.
Figure 37. Maximum Terminal Voltages Set by VDD
POWER-UP/POWER-DOWN SEQUENCES
Because of the ESD protection diodes, it is important to power
VDD first before applying any voltages to Terminal A, Terminal B,
and Terminal W. Otherwise, the diode is forward-biased such that
VDD is powered unintentionally and can affect the rest of the user’s
circuits. The ideal power-up sequence is in the following order:
GND, VDD, digital inputs, and VA/VB/VW. The order of powering
VA, VB, VW, and digital inputs is not important as long as they are
powered after VDD. Similarly, VDD should be powered down last.
POWER SUPPLY CONSIDERATIONS
To minimize the package pin count, both OTP and normal opera-
ting voltage supplies are applied to the same VDD terminal of the
AD5273. The AD5273 employs fuse link technology that requires
from 5 V to 5.5 V for all end to end resistance options, for
blowing the internal fuses to achieve a given setting, but normal
VDD can be in the range of 2.7 V to 5.5 V after completing the
fuse programming process. As a result, dual voltage supplies and
isolation are needed if the system VDD is outside the required
VDD_OTPrange. For successful OTP, the fuse programming supply
(either an on-board regulator or rack-mount power supply)
must be rated at 5 V to 5.5 V for all end to end resistance
options, and be capable of sourcing 100 mA for 400 ms. When
fuse programming is completed, the VDD_OTP supply can be
removed to allow normal operation of 2.7 V to 5.5 V; the device
then reduces the current consumption to the µA range.
When operating systems at 2.7 V, use of the bidirectional low
threshold P-Ch MOSFETs is recommended for the supply’s
isolation. As shown in Figure 38, this assumes that the 2.7 V
system voltage is applied first and that the P1 and P2 gates are
pulled to ground, thus turning on P1 first and then P2. As a
result, VDD of the AD5273 approaches 2.7 V. When the AD5273
setting is found, the factory tester applies the VDD_OTP to both
the VDD and the MOSFETs’ gates, thus turning off P1 and P2.
The OTP command should be executed at this time to program
the AD5273 while the 2.7 V source is protected. Once the fuse
programming is complete, the tester withdraws the VDD_OTP and
the AD5273’s setting is fixed permanently.
Figure 38. OTP Supply Isolated from the 2.7 V Normal Operating Supply
The AD5273 achieves the OTP function through blowing internal
fuses. Users should always apply the recommended OTP
programming voltage at the first fuse programming attempt.
Failure to comply with this requirement can lead to a change in
fuse structures, rendering programming inoperable.
Care should be taken when SCL and SDA are driven from a low
voltage logic controller. Users must ensure that the logic high
level is between 0.7 × VDD and VDD. Refer to the Level Shift for
Different Voltages Operation section.
Poor PCB layout introduces parasitics that can affect fuse program-
ming. Therefore, it is recommended to add a 10 µF tantalum
capacitor in parallel with a 1 nF ceramic capacitor as close as
possible to the VDD pin. The type and value chosen for both capaci-
tors are important. This combination of capacitor values provides a
fast response and larger supply current handling with minimum
supply drop during transients. As a result, these capacitors increase
the OTP programming success by not inhibiting the proper energy
needed to blow the internal fuses. Additionally, C1 minimizes
transient disturbance and low frequency ripple, while C2 reduces
high frequency noise during normal operation.
LOGIC
340
Ω
GND
A
W
B
VDD
AD5273
VDD
C2
0.1µF
APPLIES FOR OTP ONLY
C1
10mF
R1
10kΩ
2.7V
VDD_OTP
P1
P2
P1 = P2 = FDV302P, NDS0610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com