Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ10-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5273BRJZ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ10-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5273BRJZ10-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJZ10-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 18 of 20
APPLICATIONS INFORMATION
DAC
It is common to buffer the output of the digital potentiometer as
a DAC. The buffer minimizes the load dependence and delivers
higher current to the load, if needed.
Figure 43. Programmable Voltage Reference (DAC)
PROGRAMMABLE VOLTAGE SOURCE WITH
BOOSTED OUTPUT
For applications that require high current adjustment, such as a
laser diode driver or tunable laser, consider a booster voltage
source, as shown in Figure 44.
Figure 44. Programmable Booster Voltage Source
In this circuit, the inverting input of the op amp forces the
VOUT to be equal to the wiper voltage set by the digital potenti-
ometer. The load current is then delivered by the supply via the
N-Channel FET, N1. N1 power handling must be adequate to
dissipate (VIN − VOUT) × IL power. This circuit can source a max-
imum of 100 mA with a 5 V supply. For precision applications,
a voltage reference, such as the ADR421, ADR03, or ADR3420,
can be applied at Terminal A of the digital potentiometer.
PROGRAMMABLE CURRENT SOURCE
A programmable current source can be implemented with the
circuit shown in Figure 45. The load current is the voltage across
Terminal B to Terminal W of the AD5273 divided by RS. At zero
scale, Terminal A of the AD5273 is −2.048 V, which makes the
wiper voltage clamped at ground potential. Depending on the
load, Equation 5 is therefore valid only at certain codes. For
example, when the compliance voltage, VL, equals half of VREF,
the current can be programmed from midscale to full scale of
the AD5273.
Figure 45. Programmable Current Source
(
)
63
32
|
64
/
≤
≤
×
=
D
R
D
V
I
S
REF
L
(5)
GAIN CONTROL COMPENSATION
As shown in Figure 46, the digital potentiometers are
commonly used in gain controls or sensor transimpedance
amplifier signal conditioning applications.
Figure 46. Typical Noninverting Gain Amplifier
In both applications, one of the digital potentiometer terminals
is connected to the op amp inverting node with finite terminal
capacitance, C1. It introduces a zero for the 1 βo term with
20 dB/dec, whereas a typical op amp GBP has −20 dB/dec
characteristics. A large R2 and finite C1 can cause this zero’s
frequency to fall well below the crossover frequency. Therefore,
the rate of closure becomes 40 dB/dec and the system has a 0°
phase margin at the crossover frequency. The output may ring,
or in the worst case, oscillate when the input is a step function.
Similarly, it is also likely to ring when switching between two
gain values because this is equivalent to a step change at the
input. To reduce the effect of C1, users should also configure
Terminal B or Terminal A rather than Terminal W at the
inverting node.
GND
VIN
VOUT
1
U1
5V
2
3
VO
AD8601
5V
A
W
B
ADR03
U3
AD5273
U2
+V
W
SIGNAL
CC
RBIAS
LD
VIN
A
B
VOUT
U1
AD5273
U3 2N7002
AD8601
U2
–V
IL
IL
GND
VS
2
U1
5V
4
6
3
SLEEP
0V TO ...
OUPUT
REF191
C1
1µF
B
A
W
RS
102Ω
100Ω
RL
VL
–2.048 + VL
–5V
OP1177
+5V
V+
V–
U2
U3
AD5273
U1
C2
4.7pF
A
B
W
VO
VI
C1
R1
47k
Ω
R2
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com