Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2921 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2921
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2921 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD2921 Datasheet HTML 2Page - STMicroelectronics SD2921 Datasheet HTML 3Page - STMicroelectronics SD2921 Datasheet HTML 4Page - STMicroelectronics SD2921 Datasheet HTML 5Page - STMicroelectronics SD2921 Datasheet HTML 6Page - STMicroelectronics SD2921 Datasheet HTML 7Page - STMicroelectronics SD2921 Datasheet HTML 8Page - STMicroelectronics SD2921 Datasheet HTML 9Page - STMicroelectronics SD2921 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
175 MHz Test Circuit Schematic (Production Test Circuit)
VG
+50V
175 MHz Test Circuit Component Part List
T1
4:1 Transformer, 25 ohm Flexible Coax .090 OD 6 ” Long
T2
1:4 Transformer, 25 ohm Semi-Rigid Coax .141 OD 6 ” Long
FB1
Toroid X 2, 0.5” OD .312” ID 850u 2 Turns
FB2, FB3
VK200
FB4
Shield Bead, 1” OD 0.5” ID 850u 3 Turns
L1
1/4Wave Choke, 50 ohm Semi-Rigid Coax .141 OD 12 ” Long
PCB
0.062” Woven Fiberglass, 1 oz. Copper, 2 Sides, er = 2.55
R1, R3
470 ohm 1W Chip Resistor
R4
20K ohm 10 Turn Potentiometer
R2
360 ohm 1/2W Resistor
R5
560 ohm 1W Resistor
C1, C11
470 pF ATC Chip Cap
C7
30 pF ATC Chip Cap
C2
43 pF ATC Chip Cap
C10
91 pF ATC Chip Cap
C3, C8, C9
Arco 404, 12-65 pF
C12, C15
1200 pF ATC Chip Cap
C4
Arco 423, 16-100 pF
C13, C14
0.01 uF / 500V Chip Cap
C5
120 pF ATC Chip Cap
C16, C17
0.01 uF / 500V Chip Cap
C6
0.01 uF ATC Chip Cap
C18
10 uF 63V Electrolytic Capacitor
Note : All dimensions in inches
REF. 1021579C
SD2921
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com