Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2921 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD2921
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2921 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD2921 Datasheet HTML 2Page - STMicroelectronics SD2921 Datasheet HTML 3Page - STMicroelectronics SD2921 Datasheet HTML 4Page - STMicroelectronics SD2921 Datasheet HTML 5Page - STMicroelectronics SD2921 Datasheet HTML 6Page - STMicroelectronics SD2921 Datasheet HTML 7Page - STMicroelectronics SD2921 Datasheet HTML 8Page - STMicroelectronics SD2921 Datasheet HTML 9Page - STMicroelectronics SD2921 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
30 MHz Test Circuit Schematic (Engineering Test Circuit)
V +
G
+50V
30 MHz Test Circuit Component Part List
T1
9:1 Transformer, 25 ohm Flexible Coax with extra shield .090 OD 15” Long
T2
1:4 Transformer, 50 ohm Flexible Coax .225 OD 15” Long
FB1
Toroid, 1.7” OD .30” ID 220u 4 Turns
FB2
Surface Mount EMI Shield Bead
FB3
Toroid, 1.7” OD .300” ID 220u 3 Turns
RFC1
Toroid, 0.5” OD 0.30” ID, 125u 4 turns 12 awg wire
PCB
0.062” Woven Fiberglass, 1 oz. Copper, 2 Sides, er = 2.55
C1, C4, C6, C7, C8, 0.01 uF ATC Chip Cap
C5
470 pF ATC Chip Cap
C9, C11, C12, C13 0.01 uF ATC Chip Cap
C10
10 uF 63V Electrolytic Capacitor
C2, C3
750 pF ATC Chip Cap
C14
100 uF 63V Electrolytic Capacitor
R1, R3
1K ohm 1W Chip Resistor
R2
680 ohm 3W Wirewound Resistor
SD2921
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com