Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2921 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2921
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2921 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2921 Datasheet HTML 1Page - STMicroelectronics SD2921 Datasheet HTML 2Page - STMicroelectronics SD2921 Datasheet HTML 3Page - STMicroelectronics SD2921 Datasheet HTML 4Page - STMicroelectronics SD2921 Datasheet HTML 5Page - STMicroelectronics SD2921 Datasheet HTML 6Page - STMicroelectronics SD2921 Datasheet HTML 7Page - STMicroelectronics SD2921 Datasheet HTML 8Page - STMicroelectronics SD2921 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Output Power vs Input Power
14
7
10
13
16
19
Pin, INPUT POWER (W)
0
50
100
150
200
250
Vdd = 50V
Vdd = 40V
Tc = 25
°C
f = 175 MHz
IDQ = 250mA
Output Power vs Supply Voltage
Capacitance vs Drain-Source Voltage
10
100
1000
10000
VDS,DRAIN-SOURCE VOLTAGE (VOLTS)
0
10
203040
50
Ciss
Coss
Crss
Output Power vs Input Power
1
3
5
7
9
1113
151719
Pin, INPUT POWER (W)
0
50
100
150
200
250
300
Tcase = -20
°C
IDQ = 250 mA
VDD = 50V
f = 175MHz
Tcase = 25
°C
Tcase = 80
°C
Output Power vs Gate Voltage
-3
-2
-1
0
1
2
3
VGS, GATE-SOURCE VOLTAGE (VOLTS)
0
50
100
150
200
VDD = 50V
IDQ = 250mA
f = 175MHz
Pin = Constant
T = -20
°C
T= 25
°C
T= 80
°C
Drain Current vs Gate Voltage
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS, GATE -SOURC E VOLTAGE (VOLTS )
0
5
10
15
VDS = 10V
T = -20
°C
T= 25
°C
T= 80
°C
24
28
32
36
40
44
48
VDD, SUPPLY VOLTAGE (VOLTS)
0
50
100
150
200
Pin = 9W
IDQ = 250mA
f = 175MHz
Pin = 6W
Pin = 3W
TYPICAL PERFORMANCE
SD2921
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com