Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX2S553 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEX2S553
Description  2-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Dual Serial DB9 Card - 16550 UART - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX2S553 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEX2S553 Datasheet HTML 1Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 2Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 3Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Port Style
Integrated on Card
Chipset ID
ASIX - MCS9922CV-AA
Performance
Serial Protocol
RS-232
Max Baud Rate
460.8 Kbps
FIFO
128 Bytes
MTBF
1,378,573 hours
Connector(s)
Connector Type(s)
1 - PCI Express x1
Internal Ports
1 - LP4 (4 pin; Large Drive Power)
External Ports
2 - DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows DOS, 95, 98SE, 2000, CE 5.0/6.0, Embedded System
2009, POS Ready 2009, XP Embedded, XP, Vista, 7, 8, 8.1, 10,
11
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019,
2022
Mac OS X 10.4 to 10.10
Linux kernel 2.6.x and up - <i>LTS Versions only</i>
Special Notes /
Requirements
Note
Selectable power output on pin 9 of the serial port
Environmental
Operating Temperature
-10C to 80C (14F to 176F)
Storage Temperature
-20C to 100C (-4F to 212F)
Humidity
5~85% RH
Physical
Characteristics
Color
Green
Material
Steel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com