Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX2S553 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEX2S553
Description  2-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Dual Serial DB9 Card - 16550 UART - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX2S553 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEX2S553 Datasheet HTML 1Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 2Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 3Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Length
4.1 in [10.5 cm]
Product Width
4.7 in [12 cm]
Product Height
0.8 in [2 cm]
Weight of Product
2.2 oz [61 g]
Packaging
Information
Package Quantity
1
Package Length
6.7 in [17.0 cm]
Package Width
5.7 in [14.4 cm]
Package Height
1.3 in [32 mm]
Shipping (Package)
Weight
5.2 oz [148.0 g]
What's in the Box
Included in Package
1 - 2 Port PCI-Express Serial Card
2 - Low Profile Brackets
1 - Driver CD
1 - Instruction Manual
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com