Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX2S553 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEX2S553
Description  2-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Dual Serial DB9 Card - 16550 UART - Expansion Card - Windows & Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX2S553 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEX2S553 Datasheet HTML 1Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 2Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 3Page - StarTech.com Ltd. PEX2S553 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Self-service automated machines and kiosks to control serial devices such as scales, touchscreens, magnetic card
readers, bar code scanners, receipt printers, label printers
• POS retail applications in grocery stores, and any other retail store to control keyboards, cash drawers, receipt
printers, card readers / card swipes, scales, and elevated displays on poles
• Bank teller workstations in either full profile or low profile versions to control their serial devices such as cash
drawers, card readers / card swipes, printers, keypads / pinpads, pen pads
• Standard ATM automated teller machines to control keypads, receipt printer, card readers / card swipes,
touchscreen LCD's, camera control, etc.
• Used to control multiple surveillance / security cameras in a parking structure, office building, etc.
Features
• 2 PORT SERIAL CARD: Serial controller card w/16550 UART based on ASIX MCS9922CV-AA, allows 2x DB9
ports w/bi-directional RS232 speeds up to 460.8Kbps per port, available 128 byte FIFO buffer Upgraded version of
our popular card PEX2S552
• OPTIONAL CONFIGURABLE POWER: PCI Express RS232 Serial Adapter Card provides choice of 12v, 5v, or
none through pin 9; Each of the 2 ports are individually configurable
• STANDARD PROFILE & LOW PROFILE BRACKET: PCIe multiport serial card comes w/ a standard bracket
pre-installed & 2x low profile brackets incl for versatile install; supports Windows & Linux
• VERSATILE APPLICATIONS: For standard profile desktop/servers with uses in point of sale terminals, PLCs,
control/automation in factories, scientific sensors, medical equipment, scanners, oscilloscope
• THE IT PRO’S CHOICE: Designed and built for IT Professionals, this PCIe serial adapter card is backed for life,
including free lifetime 24/5 multi-lingual technical assistance
Hardware
Warranty
2 Years
Ports
2
Interface
Serial
Bus Type
PCI Express
Card Type
Standard Profile (LP bracket incl.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com