Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC211-WIR200 Datasheet(PDF) 2 Page - Intelligent LED Solutions

Part # SC211-WIR200
Description  3 OSLON®80 PowerAnna PCB White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

SC211-WIR200 Datasheet(HTML) 2 Page - Intelligent LED Solutions

  SC211-WIR200 Datasheet HTML 1Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 2Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 3Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 4Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 5Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 6Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.i-led.co.uk
Intelligent LED Solutions, 3 Clerewater Place, Lower Way, Thatcham, Berkshire RG19 3RF UK
Telephone : +44 (0)1635 294606 Fax : +44 (0)1635 869200 Email: info@i-led.co.uk www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
2
Product Options
ILS PART NUMBER
Colour
Colour Temp*
(Degrees
Kelvin)
Typical Wattage §
Forward
Voltage
Flux †
at 350mA
Radiance
Angle
Relevant
OSRAM
LED Data
at 350mA at 700mA
ILC-ONA3-HWWH-
SC211-WIR200.
Hot White 2700K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<390 lm
80° (±40°) LCWCR7P.
EC
ILC-ONA3-WMWH-
SC211-WIR200.
Warm
White
3000K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<390 lm
80° (±40°) LCWCR7P.
EC
ILC-ONA3-QZWH-SC211-
WIR200.
Quartz
White
3500K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<390 lm
80° (±40°) LCWCR7P.
EC
ILC-ONA3-NUWH-SC211-
WIR200.
Neutral
White
4000K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<420 lm
80° (±40°) LCWCR7P.
PC
ILC-ONA3-WHWH-
SC211-WIR200.
White
5000K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<492 lm
80° (±40°) LCWCR7P.
PC
ILC-ONA3-STWH-SC211-
WIR200.
Street
White
5700K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<492 lm
80° (±40°) LUWCR7P
ILC-ONA3-ULWH-SC211-
WIR200.
Ultra
White
6500K
3.15 watts
6.3 watts
8.4 to 9.75
volts
<420 lm
80° (±40°) LUWCR7P
*Due to the special conditions of the manufacturing processes of LEDs, the typical data of technical parameters can only reflect statistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
§ Tolerance +/- 10%
† Measured with 20mS 350mA pulse at 25˚c
Minimum and Maximum Ratings
ILS PART NUMBER
Operating Temperature
at Tc-Point [˚C]*
Storage
Temperature [˚C]*
Forward Current
per chip [mA]*
Reverse Voltage [Vdc]*
ILH-ON01-HWWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
ILH-ON01-WMWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
ILH-ON01-NUWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
ILH-ON01-STWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
ILH-ON01-ULWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
ILH-ON01-UCWH-SC211-
WIR200.
70˚C max
- 40 to 110˚C
1,000mA max
not designed for reverse voltage
* Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED module.
Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED module.
The temperature of the LED module must be measured at the Tc-Point according to EN60598-1 in a thermally constant status with a temperature sensor or a
temperature sensitive label.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com