Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC211-WIR200 Datasheet(PDF) 1 Page - Intelligent LED Solutions

Part # SC211-WIR200
Description  3 OSLON®80 PowerAnna PCB White
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

SC211-WIR200 Datasheet(HTML) 1 Page - Intelligent LED Solutions

  SC211-WIR200 Datasheet HTML 1Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 2Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 3Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 4Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 5Page - Intelligent LED Solutions SC211-WIR200 Datasheet HTML 6Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Intelligent LED Solutions, 3 Clerewater Place, Lower Way, Thatcham, Berkshire RG19 3RF UK
Telephone : +44 (0)1635 294606 Fax : +44 (0)1635 869200 Email: info@i-led.co.uk www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
1
3 OSLON®+80 PowerAnna PCB White
ILC-ONA7-XXXX-SC211-WIR200. Series
Product Overview
The all new PowerAnna Coin from ILS has been designed to work with
any Ledil Anna lens whether this be the 40 or 50mm lens. At the heart of
each Anna are 3 OSRAM Opto Semiconductors OSLON® SSL 80. LEDs
which can be driven up to 1000mA while OSRAM’s latest power chip
technology remains efficient even at the highest drive currents. A low
thermal resistance of 7K/W ensures cool running and a highly efficient
product. PowerAnna’s are compact, powerful LED light sources built on
aluminium substrates for optimal thermal management. Available with
200mm wires as standard.
Applications
z
General Lighting
z
Display Lighting
z
Task Lighting
z
Spot Lighting
z
Downlighters
z
Retail and Entertainment Lighting
Technical Features
z
PowerAnna’s contain OSRAM Opto Semi OSLON® SSL 80 LEDs with high efficacy and a narrow beam angle
z
Up to 50,000 Hour lifetime to 70% of original brightness
z
Mounting holes using M3 screws allows easy installation
z
Size (L x W x H): 30x30x4mm
z
PowerAnna’s can be linked together to produce longer chains.
z
Current range 150mA to 1000mA
*This datasheet should be read in conjunction with the relevant OSRAM Opto Semiconductors data on the LED used
Important Information and Precautions
z The PowerAnna’s LEDs, when powered up, is very bright. Thus it is advised that you do not look directly at it. Turn
the PowerAnna away from you and do not shine into the eyes of others.
z Do not operate PowerAnna’s with a Power Supply with unlimited current. Connection to constant voltage Power
Supplies that are not current limited may cause the PowerAnna to consume current above the specified maximum
and cause failure or irreparable damage.
z PowerAnna’s, when operated, can reach high temperatures thus there is risk of injury if they are touched.
z DO NOT HOT PLUG ON LED SIDE OF POWER SUPPLY.
z DO NOT TOUCH or PUSH on the LED as this can cause irreparable damage.


Similar Part No. - SC211-WIR200

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC211 FUJI-SC211 Datasheet
74Kb / 3P
FAST RECOVERY DIODE
logo
VITALCONN ELECTRONICS H...
SC211 VITALCONN-SC211 Datasheet
272Kb / 3P
SFP2*1 CAGECONN
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150ACSTRT SEMTECH-SC21150ACSTRT Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150EVB SEMTECH-SC21150EVB Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
More results

Similar Description - SC211-WIR200

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
OSLON SSL 80
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LUWCR7P OSRAM-LUWCR7P_17 Datasheet
3Mb / 24P
OSLON SSL 80
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com