Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC211-WIR200 Datasheet (PDF) - Intelligent LED Solutions

SC211-WIR200 Datasheet PDF - Intelligent LED Solutions
Part # SC211-WIR200
Download  SC211-WIR200 Download
File Size   581.08 Kbytes
Page   6 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description 3 OSLON®80 PowerAnna PCB White

SC211-WIR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC211-WIR200 Datasheet PDF - Intelligent LED Solutions

Part # SC211-WIR200
Download  SC211-WIR200 Click to download

File Size   581.08 Kbytes
Page   6 Pages
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description 3 OSLON®80 PowerAnna PCB White

SC211-WIR200 Datasheet (HTML) - Intelligent LED Solutions


SC211-WIR200 Product details

Applications
General Lighting
Display Lighting
Task Lighting
Spot Lighting
Downlighters
Retail and Entertainment Lighting
Technical Features
PowerAnna’s contain OSRAM Opto Semi OSLON® SSL 80 LEDs with high efficacy and a narrow beam angle
Up to 50,000 Hour lifetime to 70% of original brightness
Mounting holes using M3 screws allows easy installation
Size (L x W x H): 30x30x4mm
PowerAnna’s can be linked together to produce longer chains.
Current range 150mA to 1000mA




Similar Part No. - SC211-WIR200

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC211 FUJI-SC211 Datasheet
74Kb / 3P
FAST RECOVERY DIODE
logo
VITALCONN ELECTRONICS H...
SC211 VITALCONN-SC211 Datasheet
272Kb / 3P
SFP2*1 CAGECONN
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150ACSTRT SEMTECH-SC21150ACSTRT Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
SC21150EVB SEMTECH-SC21150EVB Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
More results


Similar Description - SC211-WIR200

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
OSLON SSL 80
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LUWCR7P OSRAM-LUWCR7P_17 Datasheet
3Mb / 24P
OSLON SSL 80
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com