Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511-VCO/PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD9511-VCO/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511-VCO/PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9511-VCO/PCB Datasheet HTML 33Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 34Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 35Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 36Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 37Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 38Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 39Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 40Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
AD9511
Rev. B | Page 37 of 60
Divider Phase Offset
The phase of each output may be selected, depending on the
divide ratio chosen. This is selected by writing the appropriate
values to the registers, which set the phase and start high/low
bit for each output. These are the odd numbered registers from
4Bh to 53h. Each divider has a 4-bit phase offset <3:0> and a
start high or low bit <4>.
Following a sync pulse, the phase offset word determines how
many fast clock (CLK1 or CLK2) cycles to wait before initiating
a clock output edge. The Start H/L bit determines if the divider
output starts low or high. By giving each divider a different
phase offset, output-to-output delays can be set in increments
of the fast clock period, tCLK.
Figure 39 shows three dividers, each set for DIV = 4, 50% duty
cycle. By incrementing the phase offset from 0 to 2, each output
is offset from the initial edge by a multiple of tCLK.
12345678
9 10
11 12 13 14 15
0
CLOCK INPUT
CLK
DIVIDER OTUPUTS
DIV = 4, DUTY = 50%
START = 0,
PHASE = 0
START = 0,
PHASE = 1
START = 0,
PHASE = 2
tCLK
tCLK
2
 tCLK
Figure 39. Phase Offset—All Dividers Set for DIV = 4, Phase Set from 0 to 2
For example:
CLK1 = 491.52 MHz
tCLK1 = 1/491.52 = 2.0345 ns
For DIV = 4
Phase Offset 0 = 0 ns
Phase Offset 1 = 2.0345 ns
Phase Offset 2 = 4.069 ns
The three outputs may also be described as:
OUT1 = 0°
OUT2 = 90°
OUT3 = 180°
Setting the phase offset to Phase = 4 results in the same relative
phase as the first channel, Phase = 0° or 360°.
In general, by combining the 4-bit phase offset and the Start
H/L bit, there are 32 possible phase offset states (see Table 18).
Table 18. Phase Offset—Start H/L Bit
Phase Offset
(Fast Clock
Rising Edges)
4Bh to 53h
Phase Offset <3:0>
Start H/L <4>
0
0
0
1
1
0
2
2
0
3
3
0
4
4
0
5
5
0
6
6
0
7
7
0
8
8
0
9
9
0
10
10
0
11
11
0
12
12
0
13
13
0
14
14
0
15
15
0
16
0
1
17
1
1
18
2
1
19
3
1
20
4
1
21
5
1
22
6
1
23
7
1
24
8
1
25
9
1
26
10
1
27
11
1
28
12
1
29
13
1
30
14
1
31
15
1
The resolution of the phase offset is set by the fast clock period
(tCLK) at CLK1 or CLK2. As a result, every divide ratio does not
have 32 unique phase offsets available. For any divide ratio, the
number of unique phase offsets is numerically equal to the
divide ratio (see Table 18):
DIV = 4
Unique Phase Offsets Are Phase = 0, 1, 2, 3
DIV= 7
Unique Phase Offsets Are Phase = 0, 1, 2, 3, 4, 5, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com