Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511-VCO/PCB Datasheet(PDF) 49 Page - Analog Devices

Part # AD9511-VCO/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511-VCO/PCB Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9511-VCO/PCB Datasheet HTML 45Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 46Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 47Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 48Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 49Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 50Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 51Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 52Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
AD9511
Rev. B | Page 49 of 60
Reg.
Addr.
(Hex)
Bit(s) Name
Description
0A
<1:0> PLL Power-Down
01 = Asynchronous Power-Down (Default).
<1>
<0>
Mode
0
0
Normal Operation
0
1
Asynchronous Power-Down
1
0
Normal Operation
1
1
Synchronous Power-Down
0A
<4:2> Prescaler Value
(P/P+1)
<4>
<3>
<2> Mode
Prescaler Mode
0
0
0
FD
Divide by 1
0
0
1
FD
Divide by 2
0
1
0
DM
2/3
0
1
1
DM
4/5
1
0
0
DM
8/9
1
0
1
DM
16/17
1
1
0
DM
32/33
1
1
1
FD
Divide by 3
DM = Dual Modulus, FD = Fixed Divide.
0A
<5>
Not Used.
0A
<6>
B Counter Bypass
Only valid when operating the prescaler in fixed divide (FD) mode. When this bit is set, the
B counter is divided by 1. This allows the prescaler setting to determine the divide for the
N divider.
0A
<7>
Not Used.
0B
<5:0> 14-Bit Reference
Counter, MSBs
R Divider (MSB) <13:8>.
0C
<7:0> 14-Bit Reference
Counter, R LSBs
R Divider (MSB) <7:0>.
0D
<1:0> Antibacklash
Pulse-Width
<1>
<0>
Antibacklash Pulse Width (ns)
0
0
1.3 (Default)
0
1
2.9
1
0
6.0
1
1
1.3
0D
<4:2>
Not Used.
0D
<5>
Digital Lock
Detect Window
<5>
Digital Lock Detect Window (ns)
Digital Lock Detect Loss-of-Lock Threshold (ns)
0 (Default)
9.5
15
1
3.5
7
Digital Lock
Detect Window
If the time difference of the rising edges at the inputs to the PFD are less than the lock detect
window time, the digital lock detect flag is set. The flag remains set until the time difference is
greater than the loss-of-lock threshold.
0D
<6>
Lock Detect
Disable
0 = Normal Lock Detect Operation (Default).
1 = Disable Lock Detect.
0D
<7>
Not Used.
Unused
0E-33
Not Used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com