Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511-VCO/PCB Datasheet(PDF) 50 Page - Analog Devices

Part # AD9511-VCO/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511-VCO/PCB Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9511-VCO/PCB Datasheet HTML 46Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 47Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 48Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 49Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 50Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 51Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 52Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 53Page - Analog Devices AD9511-VCO/PCB Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD9511
Rev. B | Page 50 of 60
Reg.
Addr.
(Hex)
Bit(s) Name
Description
Fine Delay Adjust
34
<0>
Delay Control
OUT4
Delay Block Control Bit.
Bypasses Delay Block and Powers It Down (Default = 1b).
34
<7:1>
Not Used.
35
<2:0> Ramp Current
OUT4
The slowest ramp (200 μs) sets the longest full scale of approximately 10 ns.
<2>
<1>
<0>
Ramp Current (μs)
0
0
0
200
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
35
<5:3> Ramp Capacitor
OUT4
Selects the Number of Capacitors in Ramp Generation Circuit.
More Capacitors => Slower Ramp.
<5>
<4>
<3>
Number of Capacitors
0
0
0
4 (Default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
35
<7:6>
Not Used.
36
<0>
Not Used.
36
<5:1> Delay Fine Adjust
OUT4
Sets Delay Within Full Scale of the Ramp; There Are 32 Steps.
00000b => Zero Delay (Default).
11111b => Maximum Delay.
36
<7:6>
Not Used.
37 (38) (39)
(3A) (3B)
(3C)
<7:0>
Not Used.
3D (3E) (3F) <1:0> Power-Down
LVPECL
OUT0
(OUT1)
(OUT2)
Mode
<1>
<0>
Description
Output
ON
0
0
Normal Operation
ON
PD1
0
1
Test Only—Do Not Use
OFF
PD2
1
0
Safe Power-Down
Partial Power-Down; Use If
Output Has Load Resistors
OFF
PD3
1
1
Total Power-Down
Use Only If Output Has No
Load Resistors
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com