Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP380_V01 Datasheet HTML 1Page - Analog Devices ADCMP380_V01 Datasheet HTML 2Page - Analog Devices ADCMP380_V01 Datasheet HTML 3Page - Analog Devices ADCMP380_V01 Datasheet HTML 4Page - Analog Devices ADCMP380_V01 Datasheet HTML 5Page - Analog Devices ADCMP380_V01 Datasheet HTML 6Page - Analog Devices ADCMP380_V01 Datasheet HTML 7Page - Analog Devices ADCMP380_V01 Datasheet HTML 8Page - Analog Devices ADCMP380_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADCMP380
Data Sheet
Rev. B | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
OUT
−0.3 V to +6 V
IN
−0.3 V to +6 V
EN
−0.3 V to VCC + 0.3 V
Input/Output Current
10 mA
Storage Temperature Range
−40°C to +150°C
Operating Temperature Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for a device soldered on an FR4 board with a
minimum footprint.
Table 4.
Package Type
θJA
Unit
6-Ball WLCSP
105.6
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com