Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP380_V01 Datasheet HTML 1Page - Analog Devices ADCMP380_V01 Datasheet HTML 2Page - Analog Devices ADCMP380_V01 Datasheet HTML 3Page - Analog Devices ADCMP380_V01 Datasheet HTML 4Page - Analog Devices ADCMP380_V01 Datasheet HTML 5Page - Analog Devices ADCMP380_V01 Datasheet HTML 6Page - Analog Devices ADCMP380_V01 Datasheet HTML 7Page - Analog Devices ADCMP380_V01 Datasheet HTML 8Page - Analog Devices ADCMP380_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ultralow Power Voltage Comparator
with Reference
Data Sheet
ADCMP380
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Comparator with on-chip reference
Ultralow power consumption with ICC = 92 nA (typical)
Precision low voltage monitoring down to 0.5 V
Accurate internal reference level over full temperature range
±1.6% at 1 V
±2.2% at 0.5 V
Enable input
23 μs typical propagation delay
Open-drain type output
Input glitch immunity
Available in a 1.46 mm × 0.96 mm WLCSP
Operational temperature range: −40°C to +85°C
APPLICATIONS
Portable/battery-operated equipment
Battery monitors
Energy harvesting
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADCMP380 is an ultralow power voltage comparator with
internal reference suitable for use in general-purpose applications.
The ultralow power consumption of this device makes it suitable
for power efficiency sensitive systems, such as battery-powered
portable devices and energy meters.
The ADCMP380 is available with a 0.5 V and 1 V internal
reference with ±2.2% and ±1.6% accuracy, respectively, over the
full temperature range; this internal reference enables the device
to monitor the node of interest accurately to 0.5 V. The enable
input allows the user to hold the output low regardless of the
state of the input.
The ADCMP380 is available in a 6-ball, 1.46 mm × 0.96 mm
WLCSP and is specified over the temperature range of −40°C
to +85°C.
Table 1. Selection Table
Part No.
Reference Voltage (V)
Output
ADCMP380-1
1
Open-drain
ADCMP380-2
0.5
Open-drain
IN
VCC
EN
GND
OUT
ADCMP380
REF


Similar Part No. - ADCMP380_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
More results

Similar Description - ADCMP380_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Linear Technology
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
Ultralow Power Single/Dual Comparator with Reference
logo
Analog Devices
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com