Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP380_V01 Datasheet HTML 2Page - Analog Devices ADCMP380_V01 Datasheet HTML 3Page - Analog Devices ADCMP380_V01 Datasheet HTML 4Page - Analog Devices ADCMP380_V01 Datasheet HTML 5Page - Analog Devices ADCMP380_V01 Datasheet HTML 6Page - Analog Devices ADCMP380_V01 Datasheet HTML 7Page - Analog Devices ADCMP380_V01 Datasheet HTML 8Page - Analog Devices ADCMP380_V01 Datasheet HTML 9Page - Analog Devices ADCMP380_V01 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
ADCMP380
Rev. B | Page 7 of 10
Figure 9. IN Pin Leakage Current vs. Temperature
Figure 10. OUT Pin Leakage Current vs. Output Voltage, OUT Logic High
Figure 11. OUT Low Level Output Voltage (VOUT_OL) vs. Sink Current (ISINK)
Figure 12. OUT Delay With IN Rising, Channel 2 = IN, Channel 4 = OUT
Figure 13. OUT Delay With IN Falling, Channel 2 = IN, Channel 4 = OUT
0
1
2
3
4
5
6
7
8
–40 –30 –20 –10
010
20
30
40
50
60
70
80
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 2V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.51.01.52.0
2.53.03.5
4.04.55.0
5.5
OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
12 3456789 10 11 12 13 14 15 16 17 18 19 20
ISINK (mA)
VCC = 2.5V
VCC = 4.25V
VCC = 0.9V
VCC = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com