Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5421 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 3Page - Analog Devices ADG5421 Datasheet HTML 4Page - Analog Devices ADG5421 Datasheet HTML 5Page - Analog Devices ADG5421 Datasheet HTML 6Page - Analog Devices ADG5421 Datasheet HTML 7Page - Analog Devices ADG5421 Datasheet HTML 8Page - Analog Devices ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADG5421/ADG5423
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT, Sx OR Dx
θJA = 133.1°C/W
10-Lead MSOP
VDD = +15 V, VSS = −15 V
84
58
39
mA maximum
VDD = +20 V, VSS = −20 V
89
60
41
mA maximum
VDD = 12 V, VSS = 0 V
67
47
32
mA maximum
VDD = 36 V, VSS = 0 V
87
59
40
mA maximum
10-Lead LFCSP
θJA = 48.7°C/W
VDD = +15 V, VSS = −15 V
129
80
48
mA maximum
VDD = +20 V, VSS = −20 V
135
83
50
mA maximum
VDD = 12 V, VSS = 0 V
103
37
43
mA maximum
VDD = 36 V, VSS = 0 V
132
82
49
mA maximum
Rev. A | Page 7 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com