Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5421 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 5Page - Analog Devices ADG5421 Datasheet HTML 6Page - Analog Devices ADG5421 Datasheet HTML 7Page - Analog Devices ADG5421 Datasheet HTML 8Page - Analog Devices ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADG5421/ADG5423
Rev. A | Page 9 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. MSOP Pin Configuration
Figure 4. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
MSOP Pin No.1
LFCSP Pin No.
Mnemonic
Description
1
1
S1
Source Terminal 1. This pin can be an input or output.
2
2
S2
Source Terminal 2. This pin can be an input or output.
3
3
NC
No Connect. Not internally connected.
4
4
GND
Ground (0 V) Reference.
5
5
VDD
Most Positive Power Supply Potential.
6
6
IN2
Logic Control Input.
7
7
IN1
Logic Control Input.
8
8
VSS
Most Negative Power Supply Potential.
9
9
D2
Drain Terminal 2. This pin can be an input or output.
10
10
D1
Drain Terminal 1. This pin can be an input or output.
N/A
EPAD
Exposed Pad. The exposed pad is tied to substrate, VSS.
1 N/A means not applicable.
Table 8. ADG5421 Truth Table
INx
Switch Conditions
0
Off
1
On
Table 9. ADG5423 Truth Table
INx
Switch 1 Condition
Switch 2 Condition
0
Off
On
1
On
Off
NOTES
1. NC = NO CONNECT. NOT INTERNALLY CONNECTED.
S1 1
S2 2
NC 3
GND 4
VDD 5
D1
10
D2
9
VSS
8
IN1
7
IN2
6
TOP VIEW
(Not to Scale)
ADG5421/
ADG5423
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
S1
2
S2
3
NC
4
GND
5
VDD
10 D1
9D2
8VSS
7IN1
6IN2
ADG5421/
ADG5423
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com