Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG5421 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices ADG5421 Datasheet HTML 14Page - Analog Devices ADG5421 Datasheet HTML 15Page - Analog Devices ADG5421 Datasheet HTML 16Page - Analog Devices ADG5421 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADG5421/ADG5423
Data Sheet
APPLICATIONS INFORMATION
The ADG54xx family of switches and multiplexers provide a
robust solution for instrumentation, industrial, aerospace, and
other harsh environments that are prone to latch-up, which is an
undesirable high current state that can lead to device failure and
persists until the power supply is turned off. The ADG5421/
ADG5423 high voltage switches allow single-supply operation
from 9 V to 40 V and dual-supply operation from ±9 V to ±22 V.
The ADG5421/ADG5423 (as well as other select devices within
this family) achieve an 8 kV human body model ESD rating,
which provides a robust solution, eliminating the need for
separate protection circuitry designs in some applications.
TRENCH ISOLATION
In the ADG5421/ADG5423, an insulating oxide layer (trench)
is placed between the NMOS and the PMOS transistors of each
CMOS switch. Parasitic junctions, which occur between the
transistors in junction-isolated switches, are eliminated, and the
result is a completely latch-up immune switch.
In junction isolation, the N and P wells of the PMOS and
NMOS transistors form a diode that is reverse-biased under
normal operation. However, during overvoltage conditions, this
diode can become forward-biased. The two transistors form a
silicon-controlled rectifier (SCR) type circuit, causing a
significant amplification of the current that, in turn, leads to
latch-up. With trench isolation, this diode is removed, and the
result is a latch-up immune switch.
Figure 33. Trench Isolation
NMOS
PMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Rev. A | Page 16 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com