Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BRU-R Datasheet(PDF) 9 Page - Analog Devices

Part # ADG936BRU-R
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS, 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BRU-R Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG936BRU-R Datasheet HTML 5Page - Analog Devices ADG936BRU-R Datasheet HTML 6Page - Analog Devices ADG936BRU-R Datasheet HTML 7Page - Analog Devices ADG936BRU-R Datasheet HTML 8Page - Analog Devices ADG936BRU-R Datasheet HTML 9Page - Analog Devices ADG936BRU-R Datasheet HTML 10Page - Analog Devices ADG936BRU-R Datasheet HTML 11Page - Analog Devices ADG936BRU-R Datasheet HTML 12Page - Analog Devices ADG936BRU-R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADG936/ADG936-R
Rev. B | Page 9 of 16
TEST CIRCUITS
Similar setup for the ADG936. Additional pins omitted for clarity.
tON
50%
50%
90%
10%
VINx
VOUT
tOFF
10
F
VS
INx
RFx
RFCx
RL
50
VOUT
GND
VDD
VDD
Figure 19. Switch Timing: tON, tOFF
VINx
VOUT
50%
50%
90%
90%
10%
10%
tFALL
tRISE
VDD
VDD
10
F
VS
INx
RFx
RFCx
GND
RL
50
VOUT
Figure 20. Switch Timing: tRISE, tFALL
VS
NETWORK
ANALYZER
VINx
OFF ISOLATION = 20log
VOUT
VS
VDD
10
F
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFC
GND
50
Figure 21. Off Isolation
VS
NETWORK
ANALYZER
VINx
INSERTION LOSS = 20log
VOUT
VS
VDD
10
F
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFCx
GND
50
Figure 22. Insertion Loss
VS
NETWORK
ANALYZER
VINx
CROSSTALK = 20log
VOUT
VS
VDD
10
F
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFCx
GND
50
Figure 23. Crosstalk
VINx
VDD
10
F
VDD
ADG936-R
RF2x
RF1x
INx
RFCx
NC
NC
OSCILLOSCOPE
GND
Figure 24. Video Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com