Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BRU-R Datasheet(PDF) 14 Page - Analog Devices

Part # ADG936BRU-R
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS, 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BRU-R Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG936BRU-R Datasheet HTML 8Page - Analog Devices ADG936BRU-R Datasheet HTML 9Page - Analog Devices ADG936BRU-R Datasheet HTML 10Page - Analog Devices ADG936BRU-R Datasheet HTML 11Page - Analog Devices ADG936BRU-R Datasheet HTML 12Page - Analog Devices ADG936BRU-R Datasheet HTML 13Page - Analog Devices ADG936BRU-R Datasheet HTML 14Page - Analog Devices ADG936BRU-R Datasheet HTML 15Page - Analog Devices ADG936BRU-R Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADG936/ADG936-R
Data Sheet
Rev. B | Page 14 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
ADG936BRU
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRU-500RL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRUZ
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRUZ-REEL
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRUZ-REEL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BCPZ
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-20-6
ADG936BCPZ-RL
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-20-6
ADG936BCPZ-RL7
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-20-6
EVAL-ADG936EBZ
Evaluation Board
RU-20
ADG936BRU-R
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRU-R-500RL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRU-R-REEL
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRU-R-REEL7
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BRUZ-R
–40°C to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG936BCPZ-R
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-20-6
ADG936BCPZ-R-REEL
–40°C to +85°C
20-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-20-6
EVAL-ADG936REBZ
Evaluation Board
RU-20
1
Z = RoHS Compliant Part.
2
CP-20-6 package was formerly CP-20-1 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com