Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG936BRU-R Datasheet(PDF) 2 Page - Analog Devices

Part # ADG936BRU-R
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS, 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BRU-R Datasheet(HTML) 2 Page - Analog Devices

  ADG936BRU-R Datasheet HTML 1Page - Analog Devices ADG936BRU-R Datasheet HTML 2Page - Analog Devices ADG936BRU-R Datasheet HTML 3Page - Analog Devices ADG936BRU-R Datasheet HTML 4Page - Analog Devices ADG936BRU-R Datasheet HTML 5Page - Analog Devices ADG936BRU-R Datasheet HTML 6Page - Analog Devices ADG936BRU-R Datasheet HTML 7Page - Analog Devices ADG936BRU-R Datasheet HTML 8Page - Analog Devices ADG936BRU-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG936/ADG936-R
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Terminology ...................................................................................... 6
Typical Performance Characteristics ..............................................7
Test Circuits........................................................................................9
Applications..................................................................................... 11
Absorptive vs. Reflective ........................................................... 11
Filter Selection ............................................................................ 11
Tx/Rx Switching ......................................................................... 11
Antenna Diversity Switch.......................................................... 11
Evaluation Board ............................................................................ 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
4/13—Rev. A to Rev. B
Changed CP-20-1 to CP-20-6 ...........................................Universal
Added EPAD Note............................................................................ 5
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 14
8/05—Rev. 0 to Rev. A
Changes to Table 1............................................................................ 3
Changes to Figure 6.......................................................................... 5
Changes to Ordering Guide .......................................................... 14
7/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com