Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  30 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADL5385
Data Sheet
Rev. D | Page 20 of 24
LO GENERATION USING PLLs
Analog Devices has a line of phase-locked loops (PLLs) that can be
used for generating the LO signal. Table 4 lists the PLLs together
with their maximum frequency and phase noise performance.
Table 4. PLL Selection Table
Device
Frequency fIN (MHz)
At 1 kHz Phase Noise
dBc/Hz, 200 kHz PFD
ADF4110
550
−91 at 540 MHz
ADF4111
1200
−87 at 900 MHz
ADF4112
3000
−90 at 900 MHz
ADF4113
4000
−91 at 900 MHz
ADF4116
550
−89 at 540 MHz
ADF4117
1200
−87 at 900 MHz
ADF4118
3000
−90 at 900 MHz
The ADF4360-0 through the ADF4360-8 (see Table 5 for the
full list of devices included in this range) come as a family of
chips, with nine operating frequency ranges. One device can be
chosen depending on the local oscillator frequency required.
While the use of the integrated synthesizer might come at the
expense of slightly degraded noise performance from the
ADL5385, it can be a cheaper alternative to a separate PLL
and VCO solution. Alternatively, the ADF4351 can be used,
which covers a frequency range of 35 MHz to 4400 MHz.
Table 5 shows the options available.
Table 5. PLL/VCO Family Operating Frequencies
Device
Output Frequency Range (MHz)
ADF4351
35 to 4400
ADF4360-0
2400 to 2725
ADF4360-1
2050 to 2450
ADF4360-2
1850 to 2150
ADF4360-3
1600 to 1950
ADF4360-4
1450 to 1750
ADF4360-5
1200 to 1400
ADF4360-6
1050 to 1250
ADF4360-7
350 to 1800
ADF4360-8
65 to 400
TRANSMIT DAC OPTIONS
The AD9777 recommended in the previous sections is by no
means the only DAC that can be used to drive the ADL5385.
There are other appropriate DACs depending on the level of
performance required. Table 6 lists the dual TxDACs that
Analog Devices offers.
Table 6. Dual TxDAC Selection Table
Device
Resolution (Bits)
Update Rate (MSPS Minimum)
AD9709
8
125
AD9761
10
40
AD9763
10
125
AD9765
12
125
AD9767
14
125
AD9773
12
160
AD9775
14
160
AD9777
16
160
AD9776
12
1000
AD9778
14
1000
AD9779
16
1000
AD9122
16
1200
All DACs listed have nominal bias levels of 0.5 V and use the
same DAC-modulator interface shown in Figure 33.
MODULATOR/DEMODULATOR OPTIONS
Table 7 lists other Analog Devices discrete modulators and
demodulators.
Table 7. Modulator/Demodulator Options
Device
Mod/Demod
Frequency
Range (MHz)
Comments
AD8345
Mod
140 to 1000
AD8346
Mod
800 to 2500
AD8349
Mod
700 to 2700
ADL5390
Mod
20 to 2400
External
quadrature
ADL5370
Mod
300 to 1000
ADL5371
Mod
500 to 1500
ADL5372
Mod
1500 to 2500
ADL5373
Mod
2300 to 3000
ADL5375
Mod
400 to 6000
ADL5386
Mod
50 to 2200
Includes VVA
and AGC
AD8347
Demod
800 to 2700
AD8348
Demod
50 to 1000
ADL5380
Demod
400 to 6000
ADL5382
Demod
700 to 2700
ADL5387
Demod
30 to 2000
AD8340
Vector mod
700 to 1000
AD8341
Vector mod
1500 to 2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com