Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  30 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL5385
Data Sheet
Rev. D | Page 22 of 24
Component
Description
Default Value
LO_IP SMA, R10, R11, R13,
R15, R32, R34, R43, C40, T1, T2
Single-ended LO input at LOIP.
R11, R13, R34, R43, C40 = 0 Ω,
R10, R15, R32 = open, T1, T2 = open
LO_IN SMA, R10, R11, R13, R15,
R32, R34, R43, C40, T1, T2
Optional single-ended LO input at LOIN.
R10, R11, R15, R32, R43 = 0 Ω,
R13, R34, C40 = open, T1, T2 = open
LO_IP SMA, LO_IN SMA, R10,
R11, R13, R15, R32, R34, R43,
C40, T1, T2
Optional differential LO input.
R11, R15, R32, R34, R43, C40 = 0 Ω,
R10, R13 = open, T1, T2 = open
LO_IP SMA, R10, R11, R13,
R15, R32, R34, R43, C40, T1, T2
Optional differential LO driving with balun (T1or T2) at LOIP.
R13, R34, C40 = 0 Ω,
R10, R11, R15, R32, R43 = open,
T1 = TC1-1-43A+, T2 = TC1-1-13M+
C31
AC-coupling capacitor connects ADL5385 VOUT to
RF_OUT RF connector or to ADL5601 RF input.
C31 = 0.1 μF
C47
AC-coupling capacitor connects ADL5601 RFOUT to
AMP_OUT connector.
C47 = 0.1 μF
R40
Resistor connects ADL5385 VOUT to RF_OUT SMA. To
check ADL5385 performance itself, insert a 0 Ω at R40 and
open R25. To check ADL5601 performance itself, insert a
0 Ω at R40 and be inserted 0.1 μF on R25, open C31.
R40 = open
R25
Resistor connects ADL5385 VOUT to ADL5601 RFIN.
R25 = 0 Ω
RTEMP
Resistor connects ADL5385 TEMP to TEMP test clip lead.
RTEMP = 200 Ω
L8
DC bias inductor.
L8 = 470 nH
C3, C4, C5, C6, C8, C9, C11,
C43, C44, C45
Power supply bypassing capacitors.
C3 = 10 μF,
C4, C6, C8 = 0.1 μF, C5, C9, C11 = 100 pF,
C43 = 1 μF, C44 = 1.2 nF, C45 = 68 pF
R8
Resistor to share power supply between the ADL5385 and
the ADL5601. To turn on the ADL5601 with the power
supply on VP1, install a 0 Ω resistor in this location.
R8 = open
U1
ADL5385 quadrature modulator.
ADL5385
U2
SOT-89 RF/IF gain block.
ADL5601
Figure 44. Layout of ADL5385-DIFFLO-EBZ, Top View
Figure 45. Layout of ADL5385-DIFFLO-EBZ, Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com