Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5385ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5385ACPZ-R7
Description  30 MHz to 2200 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5385ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5385ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5385ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL5385
Rev. D | Page 21 of 24
EVALUATION BOARD
One populated, RoHS-compliant ADL5385 evaluation board is
available, the ADL5385-DIFFLO-EBZ. The ADL5385-DIFFLO-
EBZ can be configured to allow a differential LO drive through a
balun or direct interfacing to a PLL evaluation board. It also
includes component pads in its LO path to accommodate a
harmonic filter. The four baseband inputs are located on one
edge of the board to allow direct connection to a high speed
DAC evaluation board. The ADL5385-DIFFLO-EBZ also
includes an RF/IF amplifier.
The modulator output can be measured directly at the RF_OUT
SMA connector. Alternatively, by removing R40, and installing a
0 Ω resistor in the R25 pad, the modulator output can be fed to
the RF amplifier.
The ADL5385-DIFFLO-EBZ ships installed with an ADL5601
amplifier (50 MHz to 4000 MHz RF/IF amplifier). The ADL5602
can be used if more gain is needed. Figure 43, Table 8, Figure 44,
and Figure 45 show the schematic, configuration options, and
layouts for the ADL5385-DIFFLO-EBZ, respectively.
1SINGLE-ENDED LO DRIVINGAT LOIP.
2DIFFERENTIAL LO DRIVINGAT LOIP WITH T1 OR T2.
24
23
22
21
20
19
7
8
9
10
11
12
ADL5385
U1
EXPOSED PADDLE
VP
32
S1
VPS2
VP
C9
100pF
C6
0.1µF
GND
GND
R62
49.9Ω
GND
1
LO_IP
C15
R15
D.N.I
LO_IN
C40
0Ω
R32
R34
0Ω
C17
D.N.I
C14
T1 OR T22
C16
D.N.I
1
6
4
3
R431
R111
R13
C18
D.N.I
GND
GND
GND
D.N.I
0.1µF
0.1µF
R10
0Ω
GND
D.N.I
0Ω
0Ω
0Ω
GND
GND
TEMP
YEL
RTEMP
200Ω
VP
C5
100pF
C4
0.1µF
GND
GND
C31
R40
0.1µF
D.N.I
RF_OUT
1
2
(2)
3
68pF
L8
470nH
VPOS_AMP
RED
C47
AMP_OUT
GND
GND
GND
GND
GND
GND
VP
R8
0Ω
D.N.I
0.1µF
C45
C44
C43
1µF
1.2nF
QNBB
R1
QPBB
R2
0Ω
R6
R17
C81
D.N.I
C87
D.N.I
C75
D.N.I
0Ω
C76
D.N.I
C41
D.N.I
C80
D.N.I
C86
D.N.I
C82
D.N.I
C88
D.N.I
INBB
R33
IPBB
R4
0Ω
R3
R36
C78
D.N.I
C84
D.N.I
C90
D.N.I
0Ω
C91
D.N.I
C89
D.N.I
C83
D.N.I
C77
D.N.I
C85
D.N.I
C79
D.N.I
0Ω
0Ω
0Ω
0Ω
GND
GND
GND
GND
GND
GND
GND
C3
0.1µF
C8
GND
GND
VP
C11
100pF
GND
10µF
RED
VP1
R61
10kΩ
ON
OFF
SEC
PRI
R25
0Ω
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
COM3
COM3
LOIP
LOIN
VPS3
VPS3
ENBL
TEMP
VPS1
VPS1
VOUT
GND
T1 TC1-1-43A+
T2 TC1-1-13M+
U2
ADL5601
GND
GND1
BLACK
GND
GND2
BLACK
Figure 43. ADL5385-DIFFLO-EBZ Schematic
Table 8. ADL5385-DIFFLO-EBZ Configuration Options
Component
Description
Default Value
VP1, VPOS_AMP, GND1, GND2
Power supply clip leads, and ground clip leads.
Red (VP1) = 5 V, red (VPOS_AMP) = GND, GND1
and GND2 = black
GND
Not applicable
S1, R61, R62
Device enable select. Set S1 to VP to enable the device. Set S1
to GND to power down the device.
S1 = on, R61 = 10 kΩ, R62 = 49.9 Ω
R1, R2, R3, R4, R6, R17,
R33, R36, C41, C75 to C91
Baseband input filters. These components can be used to
implement a low-pass filter for the baseband signals.
R1, R2, R3, R4, R6, R17, R33, R36 = 0 Ω,
C41, C75 to C91 = open
C14, C15
LO driving capacitor.
C14, C15 = 0.1 μF
R15, R32, R34, C16 to C18, C40
LO input filters. These components can be used to
implement a filter for the LO input signals.
R15, R32 = open, R34, C40 = 0 Ω,
C16 to C18 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com