Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

670A-RZ-04 Datasheet(PDF) 3 Page - Marathon Special Products

Part # 670A-RZ-04
Description  Terminal Block– Closed Back
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

670A-RZ-04 Datasheet(HTML) 3 Page - Marathon Special Products

  670A-RZ-04 Datasheet HTML 1Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 2Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions
Dimensions
Catalog No
# of Poles
A
B
Catalog No
# of Poles
A
B
670A RZ 01
1
1.03
0.75
X
670A RZ 19
19
7.78
7.50
670A RZ 02
2
1.41
1.13
X
670A RZ 20
20
8.16
7.88
670A RZ 03
3
1.78
1.50
X
670A RZ 21
21
8.53
8.25
670A RZ 04
4
2.16
1.88
X
670A RZ 22
22
8.91
8.63
670A RZ 05
5
2.53
2.25
X
670A RZ 23
23
9.29
9.01
670A RZ 06
6
2.91
2.63
X
670A RZ 24
24
9.66
9.38
670A RZ 07
7
3.28
3.00
X
670A RZ 25
25
10.04
9.76
670A RZ 08
8
3.66
3.38
X
670A RZ 26
26
10.41
10.13
670A RZ 09
9
4.03
3.75
X
670A RZ 27
27
10.79
10.51
670A RZ 10
10
4.41
4.13
X
670A RZ 28
28
11.17
10.89
670A RZ 11
11
4.78
4.50
X
670A RZ 29
29
11.54
11.26
670A RZ 12
12
5.16
4.88
X
670A RZ 30
30
11.92
11.64
670A RZ 13
13
5.53
5.25
X
670A RZ 31
31
12.29
12.01
670A RZ 14
14
5.91
5.63
X
670A RZ 32
32
12.67
12.39
670A RZ 15
15
6.28
6.00
X
670A RZ 33
33
13.05
12.77
670A RZ 16
16
6.66
6.38
X
670A RZ 34
34
13.42
13.14
670A RZ 17
17
7.03
6.75
X
670A RZ 35
35
13.80
13.52
670A RZ 18
18
7.41
7.13
X
670A RZ 36
36
14.17
13.89
WWW.MARATHONSP.COM
(419) 352-8441
PDS 0253 REV C 10/29/12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com