Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

670A-RZ-04 Datasheet(PDF) 1 Page - Marathon Special Products

Part # 670A-RZ-04
Description  Terminal Block– Closed Back
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

670A-RZ-04 Datasheet(HTML) 1 Page - Marathon Special Products

  670A-RZ-04 Datasheet HTML 1Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 2Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Data Sheet
Copper Wire Only
Wire Range with Wire Binding Screw: #12 - #22 AWG (solid recommended)
3/8” Centers
Electrical Ratings:
• 20A with unprepared wire, (Based on NEC Table 310-16, 75°C columns)
• 20A with Listed ring lug, (Based on NEC Table 310-16, 75°C columns)
• 300 Volts AC/DC (UL 1059 Class B, Use Group – Commercial Appliances)
• 150 Volts AC/DC (UL 1059 Class C, Use Group – General Industrial)
• Short Circuit Current Rating: 10,000A (Default)
• Approved for Factory and Field Wiring.
NOTE: Use outside these ratings must be judged in end-use application
Mechanical Ratings:
• Insulator base temperature rating: -40° C/F to 130°C (266°F) UL RTI
• Flammability rating of insulator base: UL 94V-0
Materials:
• Connector (Contact): Brass, tin plated.
• Insulator base: Glass-filled polycarbonate (Thermoplastic)
• Drive screw (Rivet): Stainless steel
• Screw, #6-32 Binder head, Phil-Slot: Steel, nickel plated
Agency Approvals:
• UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E47811
• CSA Certified, CSA C22.2 No. 158, File No. LR19766
• CE compliant, IEC 60947-7-1
• RoHS Compliant
670A RZ XX
Replace “XX” with 01 through 36 for number of poles
Terminal Block
– Closed Back
20 Amps, 300 Volts (AC/DC), Class B
(6 Pole shown)


Similar Part No. - 670A-RZ-04

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
670A-GP-10 MARATHON-670A-GP-10 Datasheet
146Kb / 1P
Double Row Terminal Blocks
670A-GP-12 MARATHON-670A-GP-12 Datasheet
146Kb / 1P
Double Row Terminal Blocks
670A-GP-2 MARATHON-670A-GP-2 Datasheet
146Kb / 1P
Double Row Terminal Blocks
670A-GP-4 MARATHON-670A-GP-4 Datasheet
170Kb / 3P
Terminal Block– Closed Back Standard Construction
9/27/12
670A-GP-6 MARATHON-670A-GP-6 Datasheet
170Kb / 3P
Terminal Block– Closed Back Standard Construction
9/27/12
More results

Similar Description - 670A-RZ-04

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-284517 MACOM-C-284517 Datasheet
48Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, CLOSED ENDS 3.81mm PITCH
C-282818 MACOM-C-282818 Datasheet
42Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY, 90 ? CLOSED ENDS 10.16mm PITCH
C-282826 MACOM-C-282826 Datasheet
41Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS 10mm PITCH
C-282962 MACOM-C-282962 Datasheet
43Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 7.5mm PITCH
C-284512 MACOM-C-284512 Datasheet
153Kb / 1P
TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 3.5mm PITCH
logo
FCI connector
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
TERMINAL BLOCK PLUGGABLE PLUG BACK SIDE HOOK
20020010-H031B01LF FCI-CONNECTOR-20020010-H031B01LF Datasheet
249Kb / 5P
TERMINAL BLOCK PLUGGABLE PLUG, BACK SIDE HOOK
logo
Adam Technologies, Inc.
TBW-XX-02-B ADAM-TECH-TBW-XX-02-B Datasheet
83Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
TBW-XX-02-B-COV ADAM-TECH-TBW-XX-02-B-COV Datasheet
85Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
TBW-XX-02-B-COV-1 ADAM-TECH-TBW-XX-02-B-COV-1 Datasheet
85Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com