Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

670A-RZ-04 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 670A-RZ-04
Description  Terminal Block– Closed Back
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

670A-RZ-04 Datasheet(HTML) 2 Page - Marathon Special Products

  670A-RZ-04 Datasheet HTML 1Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 2Page - Marathon Special Products 670A-RZ-04 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wire Range:
Copper Wire Stranding Classes - Number of Conductors
Wire Size
Torque
Solid
Class B
Class C
12
12 in. Lbs
1
1
1
14
12 in. Lbs
1
1
1
16
12 in. Lbs
1
1
1
18
12 in. Lbs
1
1
1
20
12 in. Lbs
1
1
1
22
12 in. Lbs
1
1
1
Mounting:
Suggested product mounting hardware: #6 fastener, torque to 10-15 in. lbs.
Accessories:
• Printing: for printing options, see Terminal Block Printing
http://marathonsp.com/CatalogPDFs/TBPrinting.pdf
• Marking strips (Sub mounted or Top mounted)
http://marathonsp.com/CatalogPDFs/TopMountedMS.pdf
http://marathonsp.com/CatalogPDFs/SubMounted.pdf
• Cover – top mounted (May not accommodate some hardware options) .
Order CW (white) or CB (Black). Can be printed.
http://marathonsp.com/CatalogPDFs/TopMountedCover.pdf
• Phil-Slot Brass Screw (PSB)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com