Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
85
90
95
100
105
110
FREQUENCY (MHz)
60
62
64
66
68
70
72
74
76
78
80
Vdd = 50V
Idq = 200 mA
Pout = 30 0W
Input Power vs Frequency
85
90
95
100
105
110
FREQUENCY (MHz)
2.5
3
3.5
4
Vdd = 50V
Idq = 200 mA
Pout = 30 0W
Power Gain vs Frequency
85
90
95
100
105
110
FREQUENCY (MHz)
16
17
18
19
20
21
22
V dd = 50V
I dq = 200 m A
P out = 30 0W
Efficiency vs Frequency
Return Loss vs Frequency
85
90
95
100
105
110
FREQUENCY (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Vd d = 50V
Id q = 200 m A
Po ut = 30 0W
TYPICAL BROADBAND DATA (88 - 108 MHz)
85
90
95
100
105
110
FREQUENCY (MHz)
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
Vdd = 50V
Idq = 200 m A
Pout = 30 0W
85
90
95
100
105
110
FREQUENCY (MHz)
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
Vdd = 50V
Idq = 200 mA
Pout = 30 0W
2nd Harmonic vs Frequency (88 - 108 MHz)
3rd Harmonic vs Frequency (88 - 108)
SD2932
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com