Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2932 Datasheet HTML 1Page - STMicroelectronics SD2932 Datasheet HTML 2Page - STMicroelectronics SD2932 Datasheet HTML 3Page - STMicroelectronics SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC (per section)
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0 V
IDS = 100 mA
125
V
IDSS
VGS =0 V
VDS =50 V
5
mA
IGSS
VGS =20 V
VDS =0 V
5
µA
VGS(Q)
VDS =10 V
ID =250 mA
2
5
V
VDS(on)
VGS = 10V
ID =10 A
3
V
gfs
VDS = 10V
ID =5 A
5
mho
CISS
VGS =0V
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS =0V
VDS = 50 V
f = 1 MHz
190
pF
CRSS
VGS =0V
VDS = 50V
f = 1MHz
18
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f = 175 MHz
VDD =50 V
IDQ = 500 mA
300
W
GPS
f = 175 MHz
VDD =50 V
Pout =300 W
IDQ = 500 mA
15
16
dB
ηD
f = 175 MHz
VDD =50 V
Pout =300 W
IDQ = 500 mA
50
60
%
Load
Mismatch
f = 175 MHz
VDD =50 V
Pout =300 W
IDQ = 500 mA
All Phase Angles
5: 1
VSW R
IMPEDANCE DATA
FREQ .
ZIN (
Ω)
ZDL (
Ω)
175 MHz
0.92 - j 0.14
3.17 + j 4. 34
Measured Gate to Gate and Drain to Drain, respectively.
REF.7163911A
SD2932
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com