Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2932 Datasheet HTML 1Page - STMicroelectronics SD2932 Datasheet HTML 2Page - STMicroelectronics SD2932 Datasheet HTML 3Page - STMicroelectronics SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Output Power vs Input Power
0
2
4
6
8
10
12
14
16
18
20
22
Pin, INPUT POWER (W)
0
100
200
300
400
500
Vdd=50V
Idq=2 x 250mA
F=175Mhz
Vdd=40 V
Vdd=50 V
Output Power vs Supply Voltage
Power Gain vs. Output Power
24 26 28 30 32 34 36 38 40 42 44 46 48 50
Vdd,DRAIN VOLTAGE (V)
100
150
200
250
300
350
400
450
Pin=3.9 W
Pin=7.8 W
Pin=15.6 W
Idq=2 x 250mA
F=175Mhz
Output Power vs Input Power
0
2
4
6
8
1012
14
16182022
Pin, INPUT POWER(W)
0
100
200
300
400
500
600
Vdd=50V
Idq=2 x 250mA
F=175Mhz
T=-20
°C
T=+25
°C
T=+80
°C
Output Power vs Gate Voltage
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
20
30
40
50
60
70
80
Vdd=50V
Idq=2 x 250mA
F=175Mhz
Efficiency vs. Output Power
-3
-2
-1
0
1
2
3
VGS, GATE_SOURCE VOLTAG E (V)
0
100
200
300
400
Vdd=50V
Idq=2 x 250mA
F=175Mhz
T=-20
°C
T=+25
°C
T=+80
°C
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
11
12
13
14
15
16
17
Vdd=50V
Idq=2 x 250mA
F=175Mhz
TYPICAL PERFORMANCE (175 MHz)
SD2932
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com