Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIK25 Datasheet(PDF) 3 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 3 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Catalog #
Description
Std Pk
Catalog #
Description
Std Pk
J 38
Jumper for TS
and TSKK
50
MSK35
End bracket for
DIN mount base
25
MC
Mounting Clamp
(For channel
style only)
25
6G38 E C
6G38 E F
6G38 E DIN
End bracket for
6G38 versions
25
MS 2
Vinyl Marking Strip
(1/2” x 2’ white)
25
MPC-3 (3 ft channel)
MPC-6 (6 ft channel)
Channel
1
MN35-2
DIN Rail,
35 x 7.5 mm
2 m long, slotted
25
CAT#
S P E C I A L P R O D U C T S
Sectional Terminal Block Dimensions - 6G38 TS & TSKK
FIGURE 1:
Channel Mount
FIGURE 3:
DIN Mount
FIGURE 2:
Flat Mount
.375
TYP.
9.5
.18 4.6
[9.1] + [9.5 X No. of Lines)
B = .36 + (.375 x No. of Lines)
[19.8] + [9.5 X No. of Lines)
A = .78 + (.375 X No. of Lines)
Ø .19 4.8
1.25 31.7
1.26 31.9
A = .62 [15.7] + B
.375
TYP.
9.5
1.54 39.1
1.25 31.7
1.78 45.1
1.26 31.9
[5.6] + [9.5 X No. of Lines)
B = .22 + (.375 X No. of Lines)
.37
TYP.
9.5
.22 5.6
1.54 39.2
1.50 38.1
1.25 31.7
[9.1] + [9.5 X No. of Lines)
B = .36 + (.375 x No. of Lines)
[19.8] + [9.5 X No. of Lines)
A = .78 + (.375 X No. of Lines)
Ø .19 4.8
Sectional Terminal Block Accessories
WWW.MARATHONSP.COM
419-352-8441
90
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com