Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIK25 Datasheet(PDF) 4 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 4 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Catalog #
Description
Std Pk
6G44 E DIN
End Sections
25
MS 44
7/16 Marking strip (4’
long, white)
6
601 RJS XX
Jumper
(various lengths)
N/A
MSK35
End Bracket for DIN
Rail
25
MN35-2
DIN Rail
35 x 7.5 mm
2m long, slotted
N/A
7/16” Sectional Terminal Block
Specifications:
•
600 volts AC/DC, 40 amp
•
65kA SCCR (see data sheet for details)
•
27 circuits per foot
•
UL recognized file no. XCFR2.E62806, XCFR8.E62806
•
CSA certified file no. LR19766
•
CE compliant
•
RoHS compliant
Materials:
• Base - grey thermoplastic, 125°C (UL RTI)
• Connector - brass, tin plated
• Screw - #6 with pad, steel, nickel plated
6G44 SP DIN - SEMS Pressure Connector, DIN Mounted
• CU only, Str/Sol
• Base wire:
Prepared wire (lug or spade):
(1) #12-#22 AWG (1-2) #10-16 AWG
(1-2) #22-12 AWG
Classes B, C, G, H, I, K
Wire termination torque 10 lb-in
Wire Ranges:
END PIECE
.10
2.5
.44
TYP.
11.1
1.31
33.2
[2.5 + (11.2 X # of Lines)
LENGTH
.10 + (.44 X # of Lines)
#6 SCREW W/SADDLE PLATE
1.16
29.5
1.78
45.3
Sectional Terminal Block Accessories
6G44 SP DIN
PLEASE CALL OR VISIT OUR WEBSITE FOR MORE INFORMATION ON PRODUCTS AND PRICING
91
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com