Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIK25 Datasheet(PDF) 1 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 1 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Information:
Sectionals are terminal blocks which are made up of individually molded units with electrically conductive members.
Marathon offers barrier sectionals from 3/8ths to 1/2 pitch, Euro style sectionals from 5mm to 12mm pitch with
fusing, disconnection and grounding options. These sectionals will mount on either a standard 35mm DIN rail,
channel rail, or panel (anchor directly).
Ratings and Standards:
The voltage ratings of terminal blocks are based upon the minimum spacing between electrically conductive parts
line-to-line through air and over surface and line-to-ground through air and over surface.
Class A
Service equipment including deadfront switchboards, panel boards and service entrance devices.
Class B
Commercial appliances including business equipment and electronic data processing equipment.
Class C
General industrial and machine tool controls which can be further defined as equipment falling under UL 508.
Spacing Requirements (in inches):
Applications:
Designed for electrical termination of wire where flexibility of circuit design is necessary. Accepts single or multiple
wire sizes for tubular screw and tubular clamp styles.
Voltage
Thru Air
Over Surface
Class A
51-150
.500
.750
151-300
.750
1.250
301-600
1.000
2.000
Class B
51-150
.063
.063
151-300
.094
.094
301-600
.375
.500
Class C
51-150
.125
.250
151-300
.250
.375
301-600
.375
.500
WWW.MARATHONSP.COM
419-352-8441
88
Sectional Terminal Blocks


Similar Part No. - MIK25

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
MIK2576HVS-12 ESTEK-MIK2576HVS-12 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
MIK2576HVS-15 ESTEK-MIK2576HVS-15 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
MIK2576HVS-33 ESTEK-MIK2576HVS-33 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
MIK2576HVS-50 ESTEK-MIK2576HVS-50 Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
MIK2576HVS-ADJ ESTEK-MIK2576HVS-ADJ Datasheet
200Kb / 8P
Simple high-efficiency step-down (buck) regulator
More results

Similar Description - MIK25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
National Instruments Co...
777687-00 NI-777687-00 Datasheet
729Kb / 9P
SCXI Terminal Blocks
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
Terminal Blocks - Component
logo
Mean Well Enterprises C...
TBC-07 MEANWELL-TBC-07 Datasheet
110Kb / 1P
Cover for terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com