Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRF10 Datasheet(PDF) 2 Page - TDK Electronics

Part # AVRF10
Description  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF10 Datasheet(HTML) 2 Page - TDK Electronics

  AVRF10 Datasheet HTML 1Page - TDK Electronics AVRF10 Datasheet HTML 2Page - TDK Electronics AVRF10 Datasheet HTML 3Page - TDK Electronics AVRF10 Datasheet HTML 4Page - TDK Electronics AVRF10 Datasheet HTML 5Page - TDK Electronics AVRF10 Datasheet HTML 6Page - TDK Electronics AVRF10 Datasheet HTML 7Page - TDK Electronics AVRF10 Datasheet HTML 8Page - TDK Electronics AVRF10 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20220309
(2/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The storage temperature range is for after the assembly.
TERMINOLOGY
AVRF
10
1U
6R8
K
T
242
Series name
L x W dimensions
Rated voltage
Capacitance
Capacitance
tolerance
Packaging style
Insertion loss
frequency
(mm)
(V)
(pF)
(MHz)
0402
0.4×0.2
0V
3.5
2R4
2.4
K
±10%
T
Taping
242=24×102
0603
0.6×0.3
0W
5.5
6R8
6.8
L
±15%
B
Bulk
201
200
1005
1.0×0.5
0X
7
8R2
8.2
M
±20%
102
1000
1608
1.6×0.8
1A
10
100 100=10x100
S
±0.4pF
212
2100
1P
12
150
15
242
2400
1Q
19
160
16
272
2700
1D
20
600
60
532
5300
1U
28
650
65
861
860
Shape symbol (JIS)
L
W
T
B
0402
0.40±0.02
0.20±0.02
0.20±0.02
0.07min.
0603
0.60±0.03
0.30±0.03
0.30±0.03
0.1min.
1005
1.00±0.05
0.50±0.05
0.50±0.05
0.1min.
1608
1.60±0.10
0.80±0.10
0.80±0.10
0.2min.
Type
Temperature range
Package quantity
Individual weight
Operating temperature
(°C)
Storage temperature
(°C)
(pieces/reel)
(mg)
AVRF04
–40 to +85
–40 to +85
20,000
0.1
AVRF06
–40 to +85
–40 to +85
15,000
0.2
AVRF10
–40 to +85
–40 to +85
10,000
1.2
AVRF16
–40 to +85
–40 to +85
4,000
5
Item
Unit
Description
Insertion loss
IL
(dB)
Power loss when measured by shunt-through connection of a product in a 50
 measurement system
Rated voltage
Vdc
(V)
DC voltage that is continuously applied between product terminals
Terminal products leakage current-value: 50µA max.
(Rated voltage range)
Capacitance
C
(pF)
Oscillator frequency 1kHz or 1MHz, capacitance between product terminal in oscillator voltage 1Vrms
Breakdown voltage
Vbr
(V)
Product terminal voltage when DC1mA was flowed
T
L
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com