| Electronic Components Datasheet Search |
|
AVRF10 Datasheet(PDF) 5 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVRF10 Datasheet(HTML) 5 Page - TDK Electronics |
|
5 / 10 page ![]() Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. 20220309 (5/10) notch-filter_commercial_avrf_en.fm EMC Components AVRF series Attention on a circuit board design Board design When attached to products, amount of silver used (fillet size) has direct impact on products after mounting. Thus, sufficient consider- ation is necessary. Set of land dimensions (1) As the stress rises in the products owing to the increase in sil- ver, breakage and cracks will occur. Cause including crack, as cau- tion on board land design, configure the shape and dimensions so that the amount of silver is appropriate. If you installed 2 or more parts in the Common Land, separated by a solder resist and spe- cial land of each component. (2) When peak levels panning-at soldering is excessive, by solder contraction stress, mechanical-thermal stress causes a Yasuku chip crack. In addition, when the peak level is underestimated, ter- minal electrode fixed strength is insufficient. This causes chip dropouts and may affect circuit reliability. Representative example of the panning of peak levels is shown in the following. Recommended silver dose Case and suggested protocol want to avoid Dimensions shape Symbol A B C 0402 0.20 Nom. 0.15 to 0.21 0.18 to 0.20 0603 0.25 to 0.35 0.20 to 0.30 0.25 to 0.35 1005 0.30 to 0.50 0.35 to 0.45 0.40 to 0.60 1608 0.60 to 0.80 0.60 to 0.80 0.60 to 0.80 A B C Solder volume overload Solder stress is increased, and it is easy for a crack to form. Decent solder volume Solder volume deficit Fixed strength is weak, and there is connection a prob- lem and risk of loss. Example Cases to avoid Improvement example (land division) Lead wire and land of part discrete doubles up Arrangements in the vicinity Arrangements of chip component's companion Most large serving amount Minimum prime amount Solder Chip Leads PCB Solder resist Leads Solder (ground solder) Chassis L1 Solder resist L2 L2>L1 Land Land Excess solder Missing solder Solder resist |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |